Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 114Page - Renesas Technology Corp R8C/13 Datasheet HTML 115Page - Renesas Technology Corp R8C/13 Datasheet HTML 116Page - Renesas Technology Corp R8C/13 Datasheet HTML 117Page - Renesas Technology Corp R8C/13 Datasheet HTML 118Page - Renesas Technology Corp R8C/13 Datasheet HTML 119Page - Renesas Technology Corp R8C/13 Datasheet HTML 120Page - Renesas Technology Corp R8C/13 Datasheet HTML 121Page - Renesas Technology Corp R8C/13 Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 107 of 205
REJ09B0111-0120
R8C/13 Group
12.4 Timer (Timer C)
12.4.2 Output Compare Mode
In this mode, an interrupt request is generated when the value of TC register matches the value of
TM0 or TM1 register. Table 12.14 shows specifications in output compare mode. Figure 12.34 shows
an operation example of output compare mode.
Item
Specification
Count source
f1, f8, f32, fRING-fast
Count operation
• Count up
• Value in TC register is set to “000016” when a counting stops
Count start condition
TCC00 bit in TCC0 register is set to “1” (count start)
Count stop condition
TCC00 bit in TCC0 register is set to “0” (count stop)
Waveform output start
When “1” (CMP output enabled) is written to TCOUT0 to TCOUT5 bits.(2)
condition
Waveform output stop
When “0” (CMP output disabled) is written to TCOUT0 to TCOUT5 bits.
condition
Interrupt request
• When a match occurs in compare circuit 0 [compare 0 interrupt]
generation timing
• When a match occurs in compare circuit 1 [compare 1 interrupt]
• When Time C overflows [Timer C interrupt]
______
INT3/TCIN pin function
_______
Programmable I/O port or INT3 interrupt input
P10 to P12 pins and P30 to Programmable I/O port or CMP output(2)
P32 pins function
Counter value reset timing
When TCC00 bit in TCC0 register is set to “0” (count stop)
Read from timer(1)
• Value in compare register can be read out by reading TM0 register and TM1 register.
• Count value can be read out by reading TC register.
Write to timer(1)
• Write to TC register is disabled.
• Values written to TM0 register and TM1 register are stored in compare register at the
following timings:
- When TM0 and TM1 registers are written if TCC00 bit is “0” (count stop)
- When counter overflows if TCC00 bit is “1” (in counting) and TCC12 bit in TCC1
register is “0” (free-run)
- When compare 1 matches counter if TCC00 bit is “1” and TCC12 bit is “1” (set TC
register to “000016” at compare 1 match)
Select function
• Timer C counter reload select function
Counter value in TC register at match occurrence in compare circuit 1 is set or not set
to “000016” selected by TCC12 bit in TCC1 register.
• Output level at match occurrence in compare circuit 0 can be selected by TCC15 to
TCC14 bits in TCC1 register. Similarly, output level at match occurrence in compare
circuit 1 can be selected by TCC17 to TCC16 bits in TCC1 register.
• Whether output is reversed or not can be selected by TCOUT1 to TCOUT0 bits in
TCOUT register.
NOTES:
1. TC, TM0, and TM1 registers should be accessed in 16-bit units.
2. When the corresponding port data is “1”, the waveform is output depending on the setting of the registers TCC1 and
TCOUT. When the corresponding port data is “0”, the fixed level is output (refer to Figure 12.30 CMP Waveform
Output Unit.
Table 12.14 Output Compare Mode Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com