Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 155Page - Renesas Technology Corp R8C/13 Datasheet HTML 156Page - Renesas Technology Corp R8C/13 Datasheet HTML 157Page - Renesas Technology Corp R8C/13 Datasheet HTML 158Page - Renesas Technology Corp R8C/13 Datasheet HTML 159Page - Renesas Technology Corp R8C/13 Datasheet HTML 160Page - Renesas Technology Corp R8C/13 Datasheet HTML 161Page - Renesas Technology Corp R8C/13 Datasheet HTML 162Page - Renesas Technology Corp R8C/13 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 148 of 205
REJ09B0111-0120
R8C/13 Group
15. Programmable I/O Ports
15. Programmable I/O Ports
Table 15.13 Port P14/TXD0 Setting
Register
Bit
Setting value
PD1
PD1_4
0
0
1
1
X
X
X
X
PUR0
PU03
0
1
X
X
X
X
X
X
U0MR
SMD2, SMD0
002
002
002
002
X1
1X
X1
1X
X1
1X
X1
1X
Function
Input port (not pulled up)
Input port (pulled up)
Output port
Output port (High drive)
TXD0 output, CMOS output
TXD0 output, CMOS output (High drive)
TXD0 output, N-channel open output
TXD0 output, N-channel open output (High drive)
DRR
DRR4
X
X
0
1
0
1
0
1
U0C0
NCH
X
X
X
X
0
0
1
1
Table 15.14 Port P15/RXD0 Setting
Register
Bit
Setting value
PD1
PD1_5
0
0
0
1
1
PUR0
PU03
0
1
0
X
X
Function
Input port (not pulled up)
Input port (pulled up)
RXD0 input
Output port
Output port (High drive)
DRR
DRR5
X
X
X
0
1
Table 15.15 Port P16/CLK0 Setting
Register
Bit
Setting value
PD1
PD1_6
0
0
0
1
1
X
X
PUR0
PU03
0
1
0
X
X
X
X
U0MR
SMD2, SMD0, CKDIR
Other than 0102
Other than 0102
XX1
Other than 0102
Other than 0102
0102
0102
Function
Input port (not pulled up)
Input port (pulled up)
CLK0 (external clock) input
Output port
Output port (High drive)
CLK0 (internal clock) output
CLK0 (internal clock) output (High drive)
DRR
DRR6
X
X
X
0
1
0
1
X: “0” or “1”
X: “0” or “1”
X: “0” or “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com