Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 158Page - Renesas Technology Corp R8C/13 Datasheet HTML 159Page - Renesas Technology Corp R8C/13 Datasheet HTML 160Page - Renesas Technology Corp R8C/13 Datasheet HTML 161Page - Renesas Technology Corp R8C/13 Datasheet HTML 162Page - Renesas Technology Corp R8C/13 Datasheet HTML 163Page - Renesas Technology Corp R8C/13 Datasheet HTML 164Page - Renesas Technology Corp R8C/13 Datasheet HTML 165Page - Renesas Technology Corp R8C/13 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 151 of 205
REJ09B0111-0120
R8C/13 Group
15. Programmable I/O Ports
Pin nameConnection
Ports P0, P1, P30 to
P33, P37 P45
AVCC, VREF
AVSS
•After setting for input mode, connect every pin to VSS via a resistor(pull-down)
or connect every pin to VCC via a resistor(pull-up)
•Set to output mode and leave these pins open(1, 2)
Connect to VCC
Connect to VSS
NOTES:
1. When these ports are set for output mode and left open, they remain input mode until they are set for
output mode by a program. The voltage level of these pins may be unstable and the power supply
current may increase for the time the ports remain input mode.
The content of the direction registers may change due to noise or runaway caused by noise. In order to
enhance program reliability, set the direction registers periodically by a program.
2. Connect these unassigned pins to the microcomputer using the shortest wire length (within 2 cm)
possible.
3. When power-on reset is used.
Connect to VCC via resistor (pull-up)(2)
Ports P46, P47
Connect to VCC via a resistor (pull-up)(2)
RESET(3)
Table 15.24 Unassigned Pin Handling
15.3 Unassigned Pin Handling
Table 15.24 lists the handling of unassigned pins.
Figure 15.10 Unassigned Pin Handling
NOTES:
1. When power-on reset function is used.
Port P0, P1,
P30 to P33, P37, P45
Microcomputer
(Input mode)
:
:
(Input mode)
(Output mode)
Open
Port P46, P47
RESET
AVCC/VREF
AVSS
:
:
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com