Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 179Page - Renesas Technology Corp R8C/13 Datasheet HTML 180Page - Renesas Technology Corp R8C/13 Datasheet HTML 181Page - Renesas Technology Corp R8C/13 Datasheet HTML 182Page - Renesas Technology Corp R8C/13 Datasheet HTML 183Page - Renesas Technology Corp R8C/13 Datasheet HTML 184Page - Renesas Technology Corp R8C/13 Datasheet HTML 185Page - Renesas Technology Corp R8C/13 Datasheet HTML 186Page - Renesas Technology Corp R8C/13 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 224 page
background image
R8C/13 Group
Rev.1.20
Jan 27, 2006
page 172 of 205
REJ09B0111-0120
Figure 17.4 FMR1 Register and FMR4 Register
Flash memory control register 4
Symbol
Address
After reset
FMR4
01B316
010000002
b7 b6 b5 b4 b3 b2 b1 b0
Bit symbol
Bit nameFunction
Erase-suspend request bit(2)
0: Erase restart
1: Erase suspend request
FMR41
0
Erase-suspend function
enable bit(1)
0: Invalid
1: Valid
Read status flag
0: Disable reading
1: Enable reading
0
0
RO
RW
RW
RW
RW
FMR40
FMR46
Reserved bit
Set to “0”
(b7)
Reserved bit
Set to “0”
(b5-b2)
RO
NOTES:
1. To set this bit to “1”, write “0” and then “1” in succession. Make sure no interrupts will occur before
writing “1” after writing “0”.
2. This bit is valid only when the FMR40 bit is set to “1” (valid) and can only be written before ending an
erase after issuing an erase command. Other than this period, this bit is set to “0”.
In EW0 mode, this bit can be set to “0” and “1” by program.
In EW1 mode, this bit is automatically set to “1” if a maskable interrupt occurs during an erase operation
while the FMR40 bit is set to “1”. This bit can not be set to “1” by program. (Can be set to “0”.)
0
0
Flash memory control register 1
Symbol
Address
After reset
FMR1
01B516
1000000X2
b7 b6 b5 b4 b3 b2 b1 b0
Bit symbol
Bit name
Function
EW1 mode select bit(1, 2)
0: EW0 mode
1: EW1 mode
FMR11
0
Reserved bit
Set to “1”
Reserved bit
When read, its content is
indeterminate.
Block0 rewrite disable bit(2, 3)
0 : Rewrite enabled
1 : Rewrite disabled
1
RW
RO
RW
RW
RW
(b0)
FMR15
(b7)
Reserved bit
Set to “0”
(b4-b2)
RW
NOTES:
1. To set this bit to “1”, write “0” and then “1” (CPU rewrite mode enabled) in succession when the FMR01
bit = 1. Make sure no interrupts will occur before writing “1” after writing “0”.
2. This bit is set to “0” by setting the FMR01 bit to “0” (CPU rewrite mode disabled).
3. When the FMR01 bit is “1” (CPU rewrite mode enabled), the FMR15 and FMR16 bits are rewritable.
To set this bit to “0”, write “1” and then “0” in succession.
To set this bit to “1”, write “1”.
FMR16
00
Block1 rewrite disable bit(2, 3)
0 : Rewrite enabled
1 : Rewrite disabled
RW
17.4 CPU Rewrite Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com