Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 179 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 179 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 175Page - Renesas Technology Corp R8C/13 Datasheet HTML 176Page - Renesas Technology Corp R8C/13 Datasheet HTML 177Page - Renesas Technology Corp R8C/13 Datasheet HTML 178Page - Renesas Technology Corp R8C/13 Datasheet HTML 179Page - Renesas Technology Corp R8C/13 Datasheet HTML 180Page - Renesas Technology Corp R8C/13 Datasheet HTML 181Page - Renesas Technology Corp R8C/13 Datasheet HTML 182Page - Renesas Technology Corp R8C/13 Datasheet HTML 183Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 224 page
background image
R8C/13 Group
Rev.1.20
Jan 27, 2006
page 168 of 205
REJ09B0111-0120
17.4 CPU Rewrite Mode
In CPU rewrite mode, the user ROM area can be rewritten by executing software commands from the
CPU. Therefore, the user ROM area can be rewritten directly while the microcomputer is mounted on-
board without having to use a ROM programmer, etc. Make sure the Program and the Block Erase
commands are executed only on each block in the user ROM area.
For interrupts requested during an erase operation in CPU rewrite mode, the R8C/11 flash module offers
an "erase-suspend" feature which allow the erase operation to be suspended, and access made avail-
able to the flash.
During CPU rewrite mode, the user ROM area be operated on in either Erase Write 0 (EW0) mode or
Erase Write 1 (EW1) mode. Table 17.3 lists the differences between Erase Write 0 (EW0) and Erase
Write 1 (EW1) modes.
Table 17.3 EW0 Mode and EW1 Mode
Item
EW0 mode
EW1 mode
Operation mode
Single chip mode
Single chip mode
Areas in which a
User ROM area
User ROM area
rewrite control
program can be located
Areas in which a
Must be transferred to any area other Can be executed directly in the user
rewrite control
than the flash memory (e.g., RAM)
ROM area
program can be executed before being executed
Areas which can be
User ROM area
User ROM area
rewritten
However, this does not include the
block in which a rewrite control program
exists(1)
Software command
None
• Program, Block Erase command
limitations
Cannot be executed on any block in
which a rewrite control program exists
• Read Status Register command
Cannot be executed
Modes after Program or
Read Status Register mode
Read Array mode
Erase
CPU status during Auto
Operating
Hold state (I/O ports retain the state in
Write and Auto Erase
which they were before the command
was executed)
Flash memory status
• Read the FMR0 register FMR00,
Read the FMR0 register FMR00,
detection
FMR06, and FMR07 bits in a
FMR06, and FMR07 bits in a program
program
• Execute the Read Status Register
command to read the status
register SR7, SR5, and SR4.
Conditions for
Set the FMR40 and FMR41 bits in
When an interrupt which is set for
transferring to
the FMR4 register to “1” by program. enabled occurs while the FMR40 bit in
erase-suspend
the FMR4 register is set to “1”.
CPU Clock
5MHz or below
No restriction to the following
(clock frequency to be used)
NOTES:
1. When setting the FMR02 bit in the FMR0 register to “1” (rewrite enabled) and the FMR15 bit in the FMR1
register to “0” (rewrite enabled), the Block 0 is rewritable. When setting the FMR16 bit to “0” (rewrite
enabled), the Block 1 is rewritable.
17.4 CPU Rewrite Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com