Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 173Page - Renesas Technology Corp R8C/13 Datasheet HTML 174Page - Renesas Technology Corp R8C/13 Datasheet HTML 175Page - Renesas Technology Corp R8C/13 Datasheet HTML 176Page - Renesas Technology Corp R8C/13 Datasheet HTML 177Page - Renesas Technology Corp R8C/13 Datasheet HTML 178Page - Renesas Technology Corp R8C/13 Datasheet HTML 179Page - Renesas Technology Corp R8C/13 Datasheet HTML 180Page - Renesas Technology Corp R8C/13 Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 224 page
background image
R8C/13 Group
17. Flash Memory Version
Rev.1.20
Jan 27, 2006
page 166 of 205
REJ09B0111-0120
17.2 Memory Map
The ROM in the flash memory version is separated between a user ROM area and a boot ROM area
(reserved area). Figure 17.1 shows the block diagram of flash memory.
The user ROM area has the 2K-byte Block A and the 2K-byte Block B (data flash), in addition to an area
(program ROM) which stores the microcomputer operation program.
The user ROM area is divided into several blocks. The user ROM area can be rewritten in CPU rewrite
and standard serial I/O modes.
When rewriting the Block 0 and Block 1 in CPU rewrite mode, set the FMR02 bit in the FMR0 register to
“1” (rewrite enabled), and when setting the FMR15 bit in the FMR1 register to “0” (rewrite enabled), the
Block 0 is rewritable. When setting the FMR16 bit to “0” (rewrite enabled), the Block 1 is rewritable. Also
when setting the PM10 bit in the PM1 register to “1”(enabled), the Block A and Block B are usable.
The rewrite program for standard serial I/O mode is stored in the boot ROM area before shipment.
The boot ROM area and the user ROM area share the same address, but have an another memory.
Figure 17.1 Flash Memory Block Diagram
8 Kbytes
0FFFF16
Boot ROM area
(reserved area)(2)
NOTES:
1. When setting the FMR02 bit in the FMR0 register to “1” (rewrite enabled) and the FMR15 bit in the FMR1 register to “0” (rewrite enabled), the Block 0
is rewritable. When setting the FMR16 bit to “0” (rewrite enabled), the Block 1 is rewritable (only for CPU rewrite mode).
2. This area is to store the boot program provided by Renesas Technology.
Block 0 : 8 Kbytes(1)
Block 1 : 8 Kbytes(1)
0FFFF16
0E00016
User ROM area
0C00016
0DFFF16
0E00016
0200016
02FFF16
Block A : 2 Kbytes
Block B : 2 Kbytes
Block 0 : 8 Kbytes(1)
Block 1 : 4 Kbytes(1)
0FFFF16
User ROM area
0D00016
0DFFF16
0E00016
0200016
02FFF16
Block A : 2 Kbytes
Block B : 2 Kbytes
Block 0 : 8 Kbytes(1)
0FFFF16
User ROM area
0E00016
0200016
02FFF16
Block A : 2 Kbytes
Block B : 2 Kbytes
16 Kbytes ROM Product12 Kbytes ROM Product8 Kbytes ROM Product
Data flsh
Program ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com