Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 174Page - Renesas Technology Corp R8C/13 Datasheet HTML 175Page - Renesas Technology Corp R8C/13 Datasheet HTML 176Page - Renesas Technology Corp R8C/13 Datasheet HTML 177Page - Renesas Technology Corp R8C/13 Datasheet HTML 178Page - Renesas Technology Corp R8C/13 Datasheet HTML 179Page - Renesas Technology Corp R8C/13 Datasheet HTML 180Page - Renesas Technology Corp R8C/13 Datasheet HTML 181Page - Renesas Technology Corp R8C/13 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 224 page
background image
R8C/13 Group
Rev.1.20
Jan 27, 2006
page 167 of 205
REJ09B0111-0120
17.3 Functions To Prevent Flash Memory from Rewriting
To prevent the flash memory from being read or rewritten easily, standard serial I/O mode has an ID code
check function.
17.3.1 ID Code Check Function
Use this function in standard serial I/O mode. Unless the flash memory is blank, the ID codes sent
from the programmer and the ID codes written in the flash memory are compared to see if they match.
If the ID codes do not match, the commands sent from the programmer are not accepted. The ID code
consists of 8-bit data, the areas of which, beginning with the first byte, are 00FFDF16, 00FFE316,
00FFEB16, 00FFEF16, 00FFF316, 00FFF716, and 00FFFB16. Prepare a program in which the ID
codes are preset at these addresses and write it in the flash memory.
Figure 17.2 Address for ID Code Stored
Reset vector
Oscillation stop detection/watchdog
timer vector/voltage detection
Single step vector
Address match vector
BRK instruction vector
Overflow vector
Undefined instruction vector
ID7
ID6
ID5
ID4
ID3
ID2
ID1
(Reserved)
(Reserved)
00FFFF16 to 00FFFC16
00FFFB16 to 00FFF816
00FFF716 to 00FFF416
00FFF316 to 00FFF016
00FFEF16 to 00FFEC16
00FFEB16 to 00FFE816
00FFE716 to 00FFE416
00FFE316 to 00FFE016
00FFDF16 to 00FFDC16
4 bytes
Address
(Note 1)
NOTES:
1.The OFS register is assigned to the 00FFFF16
address. Refer to Figure11.2 OFS, WDC, WDTR
and WDTS registers for the OFS register details.
17.3 Functions To Prevent Flash Memory from Rewriting
17.3 Functions To Prevent Flash Memory from Rewriting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com