Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 373 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 373 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 369Page - Renesas Technology Corp HD64F36022 Datasheet HTML 370Page - Renesas Technology Corp HD64F36022 Datasheet HTML 371Page - Renesas Technology Corp HD64F36022 Datasheet HTML 372Page - Renesas Technology Corp HD64F36022 Datasheet HTML 373Page - Renesas Technology Corp HD64F36022 Datasheet HTML 374Page - Renesas Technology Corp HD64F36022 Datasheet HTML 375Page - Renesas Technology Corp HD64F36022 Datasheet HTML 376Page - Renesas Technology Corp HD64F36022 Datasheet HTML 377Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 384 page
background image
Rev. 4.00 Sep. 23, 2005 Page 347 of 354
REJ09B0025-0400
Main Revisions and Additions in this Edition
Item
Page Revision (See Manual for Details)
Preface
vi, vii
When using the on-chip emulator (E7, E8) for H8/36014
program development and debugging, the following
restrictions must be noted.
1. The
NMI pin is reserved for the E7 or E8, and cannot be
used.
2. Area H'7000 to H'7FFF is used by the E7 or E8, and is not
available to the user.
4. When the E7 or E8 is used, address breaks can be set as
either available to the user or for use by the E7 or E8. If
address breaks are set as being used by the E7 or E8, the
address break control registers must not be accessed.
5. When the E7 or E8 is used,
NMI is an input/output pin
(open-drain in output mode).
6. Use channel 1 of the SCI3 (P21/RXD, P22/TXD) in on-
board programming mode by boot mode.
Note has been deleted.
Section 1 Overview
1.2 Internal Block Diagram
Figure 1.1 Internal Block
Diagram
3
3
Can also be used for the E7 or E8 emulator.
Figure 1.2 Pin
Arrangement (FP-64E)
4
2
Can also be used for the E7 or E8 emulator.
Figure 1.3 Pin
Arrangement (FP-48F, FP-
48B, TNP-48)
5
2
Can also be used for the E7 or E8 emulator.
Type
Functions
E10T
Interface pin for the E10T, E8, or E7 emulator
Table 1.1 Pin Functions
7
Section 7 ROM
77
The features of the 32-kbyte (4 kbytes of them are the control
program area for E7 or E8) flash memory built into the
HD64F36024 and HD64F36014 are summarized below.
Section 8 RAM
93
Note: When the E7 or E8 is used, area H'F780 to H'FB7F
must not be accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com