Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 374 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 374 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 370Page - Renesas Technology Corp HD64F36022 Datasheet HTML 371Page - Renesas Technology Corp HD64F36022 Datasheet HTML 372Page - Renesas Technology Corp HD64F36022 Datasheet HTML 373Page - Renesas Technology Corp HD64F36022 Datasheet HTML 374Page - Renesas Technology Corp HD64F36022 Datasheet HTML 375Page - Renesas Technology Corp HD64F36022 Datasheet HTML 376Page - Renesas Technology Corp HD64F36022 Datasheet HTML 377Page - Renesas Technology Corp HD64F36022 Datasheet HTML 378Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 384 page
background image
Rev. 4.00 Sep. 23, 2005 Page 348 of 354
REJ09B0025-0400
Item
Page Revision (See Manual for Details)
Bit
Bit Name
Description
4
TCSRWE
Timer Control/Status Register WD
Write Enable
Section 12 Watchdog
Timer
12.2.1 Timer Control/Status
Register WD (TCSRWD)
168
Section 14 A/D Converter
14.3.1 A/D Data Registers
A to D (ADDRA to ADDRD)
220
Therefore byte access to ADDR should be done by reading
the upper byte first then the lower one. Word access is also
possible. ADDR is initialized to H'0000.
Values
Item
Symbol
Applicable Pins
Test Condition
Min
V
CC = 4.0 V to 5.5 V
V
CC × 0.7
Input high
voltage
V
IH
PB3 to PB0
V
CC × 0.8
Input low
voltage
V
IL
RXD, RXD_2,
RXD_3*
1,
P12 to P10,
P17 to P14,
:
PB3 to PB0
V
CC = 4.0 V to 5.5 V
–0.3
Section 18 Electrical
Characteristics
Table 18.2 DC
Characteristics (1)
254
Mode
RES Pin
Internal State
Active mode 1
Operates
Active mode 2
V
CC
Operates
(
φOSC/64)
Sleep mode 1
Only timers operate
Sleep mode 2
V
CC
Only timers operate
(
φOSC/64)
Table 18.2 DC
Characteristics (1)
257



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com