Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 103Page - Renesas Technology Corp HD64F36022 Datasheet HTML 104Page - Renesas Technology Corp HD64F36022 Datasheet HTML 105Page - Renesas Technology Corp HD64F36022 Datasheet HTML 106Page - Renesas Technology Corp HD64F36022 Datasheet HTML 107Page - Renesas Technology Corp HD64F36022 Datasheet HTML 108Page - Renesas Technology Corp HD64F36022 Datasheet HTML 109Page - Renesas Technology Corp HD64F36022 Datasheet HTML 110Page - Renesas Technology Corp HD64F36022 Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 384 page
background image
Section 7 ROM
Rev. 4.00 Sep. 23, 2005 Page 81 of 354
REJ09B0025-0400
7.2.3
Erase Block Register 1 (EBR1)
EBR1 specifies the flash memory erase area block. EBR1 is initialized to H'00 when the SWE bit
in FLMCR1 is 0. Do not set more than one bit at a time, as this will cause all the bits in EBR1 to
be automatically cleared to 0.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 5
—
All 0
—
Reserved
These bits are always read as 0.
4
EB4
0
R/W
When this bit is set to 1, 28 kbytes of H'1000 to H'7FFF
will be erased.
3
EB3
0
R/W
When this bit is set to 1, 1 kbyte of H'0C00 to H'0FFF will
be erased.
2
EB2
0
R/W
When this bit is set to 1, 1 kbyte of H'0800 to H'0BFF will
be erased.
1
EB1
0
R/W
When this bit is set to 1, 1 kbyte of H'0400 to H'07FF will
be erased.
0
EB0
0
R/W
When this bit is set to 1, 1 kbyte of H'0000 to H'03FF will
be erased.
7.2.4
Flash Memory Enable Register (FENR)
Bit 7 (FLSHE) in FENR enables or disables the CPU access to the flash memory control registers,
FLMCR1, FLMCR2, and EBR1.
Bit
Bit Name
Initial
Value
R/W
Description
7
FLSHE
0
R/W
Flash Memory Control Register Enable
Flash memory control registers can be accessed when
this bit is set to 1. Flash memory control registers cannot
be accessed when this bit is set to 0.
6 to 0
—
All 0
—
Reserved
These bits are always read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com