Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 107Page - Renesas Technology Corp HD64F36022 Datasheet HTML 108Page - Renesas Technology Corp HD64F36022 Datasheet HTML 109Page - Renesas Technology Corp HD64F36022 Datasheet HTML 110Page - Renesas Technology Corp HD64F36022 Datasheet HTML 111Page - Renesas Technology Corp HD64F36022 Datasheet HTML 112Page - Renesas Technology Corp HD64F36022 Datasheet HTML 113Page - Renesas Technology Corp HD64F36022 Datasheet HTML 114Page - Renesas Technology Corp HD64F36022 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 384 page
background image
Section 7 ROM
Rev. 4.00 Sep. 23, 2005 Page 85 of 354
REJ09B0025-0400
Table 7.3
System Clock Frequencies for which Automatic Adjustment of LSI Bit Rate is
Possible
Host Bit Rate
System Clock Frequency Range of LSI
19,200 bps
16 to 20 MHz
9,600 bps
8 to 16 MHz
4,800 bps
4 to 16 MHz
2,400 bps
2 to 16 MHz
7.3.2
Programming/Erasing in User Program Mode
On-board programming/erasing of an individual flash memory block can also be performed in user
program mode by branching to a user program/erase control program. The user must set branching
conditions and provide on-board means of supplying programming data. The flash memory must
contain the user program/erase control program or a program that provides the user program/erase
control program from external memory. As the flash memory itself cannot be read during
programming/erasing, transfer the user program/erase control program to on-chip RAM, as in boot
mode. Figure 7.2 shows a sample procedure for programming/erasing in user program mode.
Prepare a user program/erase control program in accordance with the description in section 7.4,
Flash Memory Programming/Erasing.
Yes
No
Program/erase?
Transfer user program/erase control
program to RAM
Reset-start
Branch to user program/erase control
program in RAM
Execute user program/erase control
program (flash memory rewrite)
Branch to flash memory application
program
Branch to flash memory application
program
Figure 7.2 Programming/Erasing Flowchart Example in User Program Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com