Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 110Page - Renesas Technology Corp HD64F36022 Datasheet HTML 111Page - Renesas Technology Corp HD64F36022 Datasheet HTML 112Page - Renesas Technology Corp HD64F36022 Datasheet HTML 113Page - Renesas Technology Corp HD64F36022 Datasheet HTML 114Page - Renesas Technology Corp HD64F36022 Datasheet HTML 115Page - Renesas Technology Corp HD64F36022 Datasheet HTML 116Page - Renesas Technology Corp HD64F36022 Datasheet HTML 117Page - Renesas Technology Corp HD64F36022 Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 384 page
background image
Section 7 ROM
Rev. 4.00 Sep. 23, 2005 Page 88 of 354
REJ09B0025-0400
Table 7.4
Reprogram Data Computation Table
Program Data
Verify Data
Reprogram Data
Comments
0
0
1
Programming completed
0
1
0
Reprogram bit
1
0
1
—
1
1
1
Remains in erased state
Table 7.5
Additional-Program Data Computation Table
Reprogram Data
Verify Data
Additional-Program
Data
Comments
0
0
0
Additional-program bit
0
1
1
No additional programming
1
0
1
No additional programming
1
1
1
No additional programming
Table 7.6
Programming Time
n
(Number of Writes)
Programming
Time
In Additional
Programming
Comments
1 to 6
30
10
7 to 1,000
200
—
Note:
Time shown in
µs.
7.4.2
Erase/Erase-Verify
When erasing flash memory, the erase/erase-verify flowchart shown in figure 7.4 should be
followed.
1. Prewriting (setting erase block data to all 0s) is not necessary.
2. Erasing is performed in block units. Make only a single-bit specification in the erase block
register (EBR1). To erase multiple blocks, each block must be erased in turn.
3. The time during which the E bit is set to 1 is the flash memory erase time.
4. The watchdog timer (WDT) is set to prevent overerasing due to program runaway, etc. An
overflow cycle of approximately 19.8 ms is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com