Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 108Page - Renesas Technology Corp HD64F36022 Datasheet HTML 109Page - Renesas Technology Corp HD64F36022 Datasheet HTML 110Page - Renesas Technology Corp HD64F36022 Datasheet HTML 111Page - Renesas Technology Corp HD64F36022 Datasheet HTML 112Page - Renesas Technology Corp HD64F36022 Datasheet HTML 113Page - Renesas Technology Corp HD64F36022 Datasheet HTML 114Page - Renesas Technology Corp HD64F36022 Datasheet HTML 115Page - Renesas Technology Corp HD64F36022 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 384 page
background image
Section 7 ROM
Rev. 4.00 Sep. 23, 2005 Page 86 of 354
REJ09B0025-0400
7.4
Flash Memory Programming/Erasing
A software method using the CPU is employed to program and erase flash memory in the on-
board programming modes. Depending on the FLMCR1 setting, the flash memory operates in one
of the following four modes: Program mode, program-verify mode, erase mode, and erase-verify
mode. The programming control program in boot mode and the user program/erase control
program in user program mode use these operating modes in combination to perform
programming/erasing. Flash memory programming and erasing should be performed in
accordance with the descriptions in section 7.4.1, Program/Program-Verify and section 7.4.2,
Erase/Erase-Verify, respectively.
7.4.1
Program/Program-Verify
When writing data or programs to the flash memory, the program/program-verify flowchart shown
in figure 7.3 should be followed. Performing programming operations according to this flowchart
will enable data or programs to be written to the flash memory without subjecting the chip to
voltage stress or sacrificing program data reliability.
1. Programming must be done to an empty address. Do not reprogram an address to which
programming has already been performed.
2. Programming should be carried out 128 bytes at a time. A 128-byte data transfer must be
performed even if writing fewer than 128 bytes. In this case, H'FF data must be written to the
extra addresses.
3. Prepare the following data storage areas in RAM: A 128-byte programming data area, a 128-
byte reprogramming data area, and a 128-byte additional-programming data area. Perform
reprogramming data computation according to table 7.4, and additional programming data
computation according to table 7.5.
4. Consecutively transfer 128 bytes of data in byte units from the reprogramming data area or
additional-programming data area to the flash memory. The program address and 128-byte
data are latched in the flash memory. The lower 8 bits of the start address in the flash memory
destination area must be H'00 or H'80.
5. The time during which the P bit is set to 1 is the programming time. Table 7.6 shows the
allowable programming times.
6. The watchdog timer (WDT) is set to prevent overprogramming due to program runaway, etc.
An overflow cycle of approximately 6.6 ms is allowed.
7.
For a dummy write to a verify address, write 1-byte data H'FF to an address whose lower 2
bits are B'00. Verify data can be read in words or in longwords from the address to which a
dummy write was performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com