Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 135Page - Renesas Technology Corp HD64F36022 Datasheet HTML 136Page - Renesas Technology Corp HD64F36022 Datasheet HTML 137Page - Renesas Technology Corp HD64F36022 Datasheet HTML 138Page - Renesas Technology Corp HD64F36022 Datasheet HTML 139Page - Renesas Technology Corp HD64F36022 Datasheet HTML 140Page - Renesas Technology Corp HD64F36022 Datasheet HTML 141Page - Renesas Technology Corp HD64F36022 Datasheet HTML 142Page - Renesas Technology Corp HD64F36022 Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 384 page
background image
Section 9 I/O Ports
Rev. 4.00 Sep. 23, 2005 Page 113 of 354
REJ09B0025-0400
9.5.2
Port Data Register 8 (PDR8)
PDR8 is a general I/O port data register of port 8.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 5
All 0
Reserved
4
3
2
1
0
P84
P83
P82
P81
P80
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
PDR8 stores output data for port 8 pins.
If PDR8 is read while PCR8 bits are set to 1, the value
stored in PDR8 is read. If PDR8 is read while PCR8 bits
are cleared to 0, the pin states are read regardless of the
value stored in PDR8.
9.5.3
Pin Functions
The correspondence between the register specification and the port functions is shown below.
• P84/FTIOD pin
Register
TIOR1
PCR8
Bit Name
IOD2
IOD1
IOD0
PCR84
Pin Function
Setting Value 0
0
0
0
P84 input/FTIOD input pin
1
P84 output/FTIOD input pin
0
0
1
X
FTIOD output pin
0
1
X
X
FTIOD output pin
1
X
X
0
P84 input/FTIOD input pin
1
P84 output/FTIOD input pin
Legend X: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com