Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 131Page - Renesas Technology Corp HD64F36022 Datasheet HTML 132Page - Renesas Technology Corp HD64F36022 Datasheet HTML 133Page - Renesas Technology Corp HD64F36022 Datasheet HTML 134Page - Renesas Technology Corp HD64F36022 Datasheet HTML 135Page - Renesas Technology Corp HD64F36022 Datasheet HTML 136Page - Renesas Technology Corp HD64F36022 Datasheet HTML 137Page - Renesas Technology Corp HD64F36022 Datasheet HTML 138Page - Renesas Technology Corp HD64F36022 Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 384 page
background image
Section 9 I/O Ports
Rev. 4.00 Sep. 23, 2005 Page 109 of 354
REJ09B0025-0400
9.4.1
Port Control Register 7 (PCR7)
PCR7 selects inputs/outputs in bit units for pins to be used as general I/O ports of port 7.
Bit
Bit Name
Initial
Value
R/W
Description
7
Reserved
6
5
4
3
2
1
0
PCR76
PCR75
PCR74
PCR73
PCR72
PCR71
PCR70
0
0
0
0
0
0
0
W
W
W
W
W
W
W
Setting a PCR7 bit to 1 makes the corresponding pin an
output port, while clearing the bit to 0 makes the pin an
input port. Note that the TCSRV setting of the timer V has
priority for deciding input/output direction of the
P76/TMOV pin.
9.4.2
Port Data Register 7 (PDR7)
PDR7 is a general I/O port data register of port 7.
Bit
Bit Name
Initial
Value
R/W
Description
7
1
Reserved
This bit is always read as 1.
6
5
4
3
2
1
0
P76
P75
P74
P73
P72
P71
P70
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PDR7 stores output data for port 7 pins.
If PDR7 is read while PCR7 bits are set to 1, the value
stored in PDR7 is read. If PDR7 is read while PCR7 bits
are cleared to 0, the pin states are read regardless of the
value stored in PDR7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com