Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 127Page - Renesas Technology Corp HD64F36022 Datasheet HTML 128Page - Renesas Technology Corp HD64F36022 Datasheet HTML 129Page - Renesas Technology Corp HD64F36022 Datasheet HTML 130Page - Renesas Technology Corp HD64F36022 Datasheet HTML 131Page - Renesas Technology Corp HD64F36022 Datasheet HTML 132Page - Renesas Technology Corp HD64F36022 Datasheet HTML 133Page - Renesas Technology Corp HD64F36022 Datasheet HTML 134Page - Renesas Technology Corp HD64F36022 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 384 page
background image
Section 9 I/O Ports
Rev. 4.00 Sep. 23, 2005 Page 105 of 354
REJ09B0025-0400
9.3.3
Port Data Register 5 (PDR5)
PDR5 is a general I/O port data register of port 5.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
P57
P56
P55
P54
P53
P52
P51
P50
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Stores output data for port 5 pins.
If PDR5 is read while PCR5 bits are set to 1, the value
stored in PDR5 are read. If PDR5 is read while PCR5 bits
are cleared to 0, the pin states are read regardless of the
value stored in PDR5.
9.3.4
Port Pull-Up Control Register 5 (PUCR5)
PUCR5 controls the pull-up MOS in bit units of the pins set as the input ports.
Bit
Bit Name
Initial
Value
R/W
Description
7, 6
All 0
Reserved
These bits are always read as 0.
5
4
3
2
1
0
PUCR55
PUCR54
PUCR53
PUCR52
PUCR51
PUCR50
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
Only bits for which PCR5 is cleared are valid. The pull-up
MOS of the corresponding pins enter the on-state when
these bits are set to 1, while they enter the off-state when
these bits are cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com