Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 123Page - Renesas Technology Corp HD64F36022 Datasheet HTML 124Page - Renesas Technology Corp HD64F36022 Datasheet HTML 125Page - Renesas Technology Corp HD64F36022 Datasheet HTML 126Page - Renesas Technology Corp HD64F36022 Datasheet HTML 127Page - Renesas Technology Corp HD64F36022 Datasheet HTML 128Page - Renesas Technology Corp HD64F36022 Datasheet HTML 129Page - Renesas Technology Corp HD64F36022 Datasheet HTML 130Page - Renesas Technology Corp HD64F36022 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 384 page
background image
Section 9 I/O Ports
Rev. 4.00 Sep. 23, 2005 Page 101 of 354
REJ09B0025-0400
9.2.2
Port Data Register 2 (PDR2)
PDR2 is a general I/O port data register of port 2.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 3
All 1
Reserved
These bits are always read as 1.
2
1
0
P22
P21
P20
0
0
0
R/W
R/W
R/W
PDR2 stores output data for port 2 pins.
If PDR2 is read while PCR2 bits are set to 1, the value
stored in PDR2 is read. If PDR2 is read while PCR2 bits
are cleared to 0, the pin states are read regardless of the
value stored in PDR2.
9.2.3
Pin Functions
The correspondence between the register specification and the port functions is shown below.
• P22/TXD pin
Register
PMR1
PCR2
Bit Name
TXD
PCR22
Pin Function
Setting Value 0
0
P22 input pin
1
P22 output pin
1
X
TXD output pin
Legend X: Don't care.
• P21/RXD pin
Register
SCR3
PCR2
Bit Name
RE
PCR21
Pin Function
Setting Value 0
0
P21 input pin
1
P21 output pin
1
X
RXD input pin
Legend X: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com