Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 120Page - Renesas Technology Corp HD64F36022 Datasheet HTML 121Page - Renesas Technology Corp HD64F36022 Datasheet HTML 122Page - Renesas Technology Corp HD64F36022 Datasheet HTML 123Page - Renesas Technology Corp HD64F36022 Datasheet HTML 124Page - Renesas Technology Corp HD64F36022 Datasheet HTML 125Page - Renesas Technology Corp HD64F36022 Datasheet HTML 126Page - Renesas Technology Corp HD64F36022 Datasheet HTML 127Page - Renesas Technology Corp HD64F36022 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 384 page
background image
Section 9 I/O Ports
Rev. 4.00 Sep. 23, 2005 Page 98 of 354
REJ09B0025-0400
9.1.4
Port Pull-Up Control Register 1 (PUCR1)
PUCR1 controls the pull-up MOS in bit units of the pins set as the input ports.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
PUCR17
PUCR16
PUCR15
PUCR14
PUCR12
PUCR11
PUCR10
0
0
0
0
1
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Only bits for which PCR1 is cleared are valid. The pull-up
MOS of P17 to P14 and P12 to P10 pins enter the on-
state when these bits are set to 1, while they enter the
off-state when these bits are cleared to 0.
Bit 3 is a reserved bit. This bit is always read as 1.
9.1.5
Pin Functions
The correspondence between the register specification and the port functions is shown below.
• P17/IRQ3/TRGV pin
Register
PMR1
PCR1
Bit Name
IRQ3
PCR17
Pin Function
Setting value 0
0
P17 input pin
1
P17 output pin
1
X
IRQ3 input/TRGV input pin
Legend X: Don't care.
• P16 pin
Register
PCR1
Bit Name
PCR16
Pin Function
Setting value
0
P16 input pin
1
P16 output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com