Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 123 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 123 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 119Page - Renesas Technology Corp HD64F36022 Datasheet HTML 120Page - Renesas Technology Corp HD64F36022 Datasheet HTML 121Page - Renesas Technology Corp HD64F36022 Datasheet HTML 122Page - Renesas Technology Corp HD64F36022 Datasheet HTML 123Page - Renesas Technology Corp HD64F36022 Datasheet HTML 124Page - Renesas Technology Corp HD64F36022 Datasheet HTML 125Page - Renesas Technology Corp HD64F36022 Datasheet HTML 126Page - Renesas Technology Corp HD64F36022 Datasheet HTML 127Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 384 page
background image
Section 9 I/O Ports
Rev. 4.00 Sep. 23, 2005 Page 97 of 354
REJ09B0025-0400
9.1.2
Port Control Register 1 (PCR1)
PCR1 selects inputs/outputs in bit units for pins to be used as general I/O ports of port 1.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
PCR17
PCR16
PCR15
PCR14
PCR12
PCR11
PCR10
0
0
0
0
0
0
0
W
W
W
W
W
W
W
When the corresponding pin is designated in PMR1 as a
general I/O pin, setting a PCR1 bit to 1 makes the
corresponding pin an output port, while clearing the bit to
0 makes the pin an input port.
Bit 3 is a reserved bit.
9.1.3
Port Data Register 1 (PDR1)
PDR1 is a general I/O port data register of port 1.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
P17
P16
P15
P14
P12
P11
P10
0
0
0
0
1
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PDR1 stores output data for port 1 pins.
If PDR1 is read while PCR1 bits are set to 1, the value
stored in PDR1 are read. If PDR1 is read while PCR1 bits
are cleared to 0, the pin states are read regardless of the
value stored in PDR1.
Bit 3 is a reserved bit. This bit is always read as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com