Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 141Page - Renesas Technology Corp HD64F36022 Datasheet HTML 142Page - Renesas Technology Corp HD64F36022 Datasheet HTML 143Page - Renesas Technology Corp HD64F36022 Datasheet HTML 144Page - Renesas Technology Corp HD64F36022 Datasheet HTML 145Page - Renesas Technology Corp HD64F36022 Datasheet HTML 146Page - Renesas Technology Corp HD64F36022 Datasheet HTML 147Page - Renesas Technology Corp HD64F36022 Datasheet HTML 148Page - Renesas Technology Corp HD64F36022 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 384 page
background image
Section 10 Timer V
Rev. 4.00 Sep. 23, 2005 Page 119 of 354
REJ09B0025-0400
10.2
Input/Output Pins
Table 10.1 shows the timer V pin configuration.
Table 10.1
Pin Configuration
Name
Abbreviation I/O
Function
Timer V output
TMOV
Output
Timer V waveform output
Timer V clock input
TMCIV
Input
Clock input to TCNTV
Timer V reset input
TMRIV
Input
External input to reset TCNTV
Trigger input
TRGV
Input
Trigger input to initiate counting
10.3
Register Descriptions
Time V has the following registers.
• Timer counter V (TCNTV)
• Timer constant register A (TCORA)
• Timer constant register B (TCORB)
• Timer control register V0 (TCRV0)
• Timer control/status register V (TCSRV)
• Timer control register V1 (TCRV1)
10.3.1
Timer Counter V (TCNTV)
TCNTV is an 8-bit up-counter. The clock source is selected by bits CKS2 to CKS0 in timer
control register V0 (TCRV0). The TCNTV value can be read and written by the CPU at any time.
TCNTV can be cleared by an external reset input signal, or by compare match A or B. The
clearing signal is selected by bits CCLR1 and CCLR0 in TCRV0.
When TCNTV overflows, OVF is set to 1 in timer control/status register V (TCSRV).
TCNTV is initialized to H'00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com