Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 143Page - Renesas Technology Corp HD64F36022 Datasheet HTML 144Page - Renesas Technology Corp HD64F36022 Datasheet HTML 145Page - Renesas Technology Corp HD64F36022 Datasheet HTML 146Page - Renesas Technology Corp HD64F36022 Datasheet HTML 147Page - Renesas Technology Corp HD64F36022 Datasheet HTML 148Page - Renesas Technology Corp HD64F36022 Datasheet HTML 149Page - Renesas Technology Corp HD64F36022 Datasheet HTML 150Page - Renesas Technology Corp HD64F36022 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 384 page
background image
Section 10 Timer V
Rev. 4.00 Sep. 23, 2005 Page 121 of 354
REJ09B0025-0400
10.3.3
Timer Control Register V0 (TCRV0)
TCRV0 selects the input clock signals of TCNTV, specifies the clearing conditions of TCNTV,
and controls each interrupt request.
Bit
Bit Name
Initial
Value
R/W
Description
7
CMIEB
0
R/W
Compare Match Interrupt Enable B
When this bit is set to 1, interrupt request from the CMFB
bit in TCSRV is enabled.
6
CMIEA
0
R/W
Compare Match Interrupt Enable A
When this bit is set to 1, interrupt request from the CMFA
bit in TCSRV is enabled.
5
OVIE
0
R/W
Timer Overflow Interrupt Enable
When this bit is set to 1, interrupt request from the OVF
bit in TCSRV is enabled.
4
3
CCLR1
CCLR0
0
0
R/W
R/W
Counter Clear 1 and 0
These bits specify the clearing conditions of TCNTV.
00: Clearing is disabled
01: Cleared by compare match A
10: Cleared by compare match B
11: Cleared on the rising edge of the TMRIV pin. The
operation of TCNTV after clearing depends on TRGE
in TCRV1.
2
1
0
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Clock Select 2 to 0
These bits select clock signals to input to TCNTV and the
counting condition in combination with ICKS0 in TCRV1.
Refer to table 10.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com