Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 148Page - Renesas Technology Corp HD64F36022 Datasheet HTML 149Page - Renesas Technology Corp HD64F36022 Datasheet HTML 150Page - Renesas Technology Corp HD64F36022 Datasheet HTML 151Page - Renesas Technology Corp HD64F36022 Datasheet HTML 152Page - Renesas Technology Corp HD64F36022 Datasheet HTML 153Page - Renesas Technology Corp HD64F36022 Datasheet HTML 154Page - Renesas Technology Corp HD64F36022 Datasheet HTML 155Page - Renesas Technology Corp HD64F36022 Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 384 page
background image
Section 10 Timer V
Rev. 4.00 Sep. 23, 2005 Page 126 of 354
REJ09B0025-0400
10.4
Operation
10.4.1
Timer V Operation
1. According to table 10.2, six internal/external clock signals output by prescaler S can be
selected as the timer V operating clock signals. When the operating clock signal is selected,
TCNTV starts counting-up. Figure 10.2 shows the count timing with an internal clock signal
selected, and figure 10.3 shows the count timing with both edges of an external clock signal
selected.
2. When TCNTV overflows (changes from H'FF to H'00), the overflow flag (OVF) in TCRV0
will be set. The timing at this time is shown in figure 10.4. An interrupt request is sent to the
CPU when OVIE in TCRV0 is 1.
3. TCNTV is constantly compared with TCORA and TCORB. Compare match flag A or B
(CMFA or CMFB) is set to 1 when TCNTV matches TCORA or TCORB, respectively. The
compare-match signal is generated in the last state in which the values match. Figure 10.5
shows the timing. An interrupt request is generated for the CPU when CMIEA or CMIEB in
TCRV0 is 1.
4. When a compare match A or B is generated, the TMOV responds with the output value
selected by bits OS3 to OS0 in TCSRV. Figure 10.6 shows the timing when the output is
toggled by compare match A.
5. When CCLR1 or CCLR0 in TCRV0 is 01 or 10, TCNTV can be cleared by the corresponding
compare match. Figure 10.7 shows the timing.
6. When CCLR1 or CCLR0 in TCRV0 is 11, TCNTV can be cleared by the rising edge of the
input of TMRIV pin. A TMRIV input pulse-width of at least 1.5 system clocks is necessary.
Figure 10.8 shows the timing.
7. When a counter-clearing source is generated with TRGE in TCRV1 set to 1, the counting-up is
halted as soon as TCNTV is cleared. TCNTV resumes counting-up when the edge selected by
TVEG1 or TVEG0 in TCRV1 is input from the TGRV pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com