Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 179 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 179 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 175Page - Renesas Technology Corp HD64F36022 Datasheet HTML 176Page - Renesas Technology Corp HD64F36022 Datasheet HTML 177Page - Renesas Technology Corp HD64F36022 Datasheet HTML 178Page - Renesas Technology Corp HD64F36022 Datasheet HTML 179Page - Renesas Technology Corp HD64F36022 Datasheet HTML 180Page - Renesas Technology Corp HD64F36022 Datasheet HTML 181Page - Renesas Technology Corp HD64F36022 Datasheet HTML 182Page - Renesas Technology Corp HD64F36022 Datasheet HTML 183Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 384 page
background image
Section 11 Timer W
Rev. 4.00 Sep. 23, 2005 Page 153 of 354
REJ09B0025-0400
11.4.2
PWM Operation
In PWM mode, PWM waveforms are generated by using GRA as the period register and GRB,
GRC, and GRD as duty registers. PWM waveforms are output from the FTIOB, FTIOC, and
FTIOD pins. Up to three-phase PWM waveforms can be output. In PWM mode, a general register
functions as an output compare register automatically. The output level of each pin depends on the
corresponding timer output level set bit (TOB, TOC, and TOD) in TCRW. When TOB is 1, the
FTIOB output goes to 1 at compare match A and to 0 at compare match B. When TOB is 0, the
FTIOB output goes to 0 at compare match A and to 1 at compare match B. Thus the compare
match output level settings in TIOR0 and TIOR1 are ignored for the output pin set to PWM mode.
If the same value is set in the cycle register and the duty register, the output does not change when
a compare match occurs.
Figure 11.9 shows an example of operation in PWM mode. The output signals go to 1 and TCNT
is cleared at compare match A, and the output signals go to 0 at compare match B, C, and D (TOB,
TOC, and TOD = 1: initial output values are set to 1).
TCNT value
GRA
GRB
GRC
H'0000
FTIOB
FTIOC
FTIOD
Time
GRD
Counter cleared by compare match A
Figure 11.9 PWM Mode Example (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com