Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 215 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 211Page - Renesas Technology Corp HD64F36022 Datasheet HTML 212Page - Renesas Technology Corp HD64F36022 Datasheet HTML 213Page - Renesas Technology Corp HD64F36022 Datasheet HTML 214Page - Renesas Technology Corp HD64F36022 Datasheet HTML 215Page - Renesas Technology Corp HD64F36022 Datasheet HTML 216Page - Renesas Technology Corp HD64F36022 Datasheet HTML 217Page - Renesas Technology Corp HD64F36022 Datasheet HTML 218Page - Renesas Technology Corp HD64F36022 Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 384 page
background image
Section 13 Serial Communication Interface 3 (SCI3)
Rev. 4.00 Sep. 23, 2005 Page 189 of 354
REJ09B0025-0400
Table 13.5
Examples of BRR Settings for Various Bit Rates (Clocked Synchronous Mode)
(1)
Operating Frequency
φ (MHz)
2
4
8
10
16
Bit Rate
(bit/s)
n
N
n
N
n
N
n
N
n
N
110
3
70
—
—
—
—
—
—
250
2
124
2
249
3
124
—
—
3
249
500
1
249
2
124
2
249
—
—
3
124
1k
1
124
1
249
2
124
—
—
2
249
2.5k
0
199
1
99
1
199
1
249
2
99
5k
0
99
0
199
1
99
1
124
1
199
10k
0
49
0
99
0
199
0
249
1
99
25k
0
19
0
39
0
79
0
99
0
159
50k
0
9
0
19
0
39
0
49
0
79
100k
0
4
0
9
0
19
0
24
0
39
250k
0
1
0
3
0
7
0
9
0
15
500k
0
0*
0
1
0
3
0
4
0
7
1M
0
0*
0
1
—
—
0
3
2M
0
0*
—
—
0
1
2.5M
0
0*
—
—
4M
0
0*
Legend
Blank : No setting is available.
—
: A setting is available but error occurs.
*
: Continuous transfer is not possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com