Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 219 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 219 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 215Page - Renesas Technology Corp HD64F36022 Datasheet HTML 216Page - Renesas Technology Corp HD64F36022 Datasheet HTML 217Page - Renesas Technology Corp HD64F36022 Datasheet HTML 218Page - Renesas Technology Corp HD64F36022 Datasheet HTML 219Page - Renesas Technology Corp HD64F36022 Datasheet HTML 220Page - Renesas Technology Corp HD64F36022 Datasheet HTML 221Page - Renesas Technology Corp HD64F36022 Datasheet HTML 222Page - Renesas Technology Corp HD64F36022 Datasheet HTML 223Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 384 page
background image
Section 13 Serial Communication Interface 3 (SCI3)
Rev. 4.00 Sep. 23, 2005 Page 193 of 354
REJ09B0025-0400
13.4.2
SCI3 Initialization
Before transmitting and receiving data, you should first clear the TE and RE bits in SCR3 to 0,
then initialize the SCI3 as described below. When the operating mode, or transfer format, is
changed for example, the TE and RE bits must be cleared to 0 before making the change using the
following procedure. When the TE bit is cleared to 0, the TDRE flag is set to 1. Note that clearing
the RE bit to 0 does not initialize the contents of the RDRF, PER, FER, and OER flags, or the
contents of RDR. When the external clock is used in asynchronous mode, the clock must be
supplied even during initialization.
Wait
<Initialization completion>
Start initialization
Set data transfer format in SMR
[1]
Set CKE1 and CKE0 bits in SCR3
No
Yes
Set value in BRR
Clear TE and RE bits in SCR3 to 0
[2]
[3]
Set TE and RE bits in
SCR3 to 1, and set RIE, TIE, TEIE,
and MPIE bits. For transmit (TE=1),
also set the TxD bit in PMR1.
[4]
1-bit interval elapsed?
[1]
Set the clock selection in SCR3.
Be sure to clear bits RIE, TIE, TEIE, and
MPIE, and bits TE and RE, to 0.
When the clock output is selected in
asynchronous mode, clock is output
immediately after CKE1 and CKE0
settings are made. When the clock
output is selected at reception in clocked
synchronous mode, clock is output
immediately after CKE1, CKE0, and RE
are set to 1.
[2]
Set the data transfer format in SMR.
[3]
Write a value corresponding to the bit
rate to BRR. Not necessary if an
external clock is used.
[4]
Wait at least one bit interval, then set the
TE bit or RE bit in SCR3 to 1. RE
settings enable the RXD pin to be used.
For transmission, set the TXD bit in
PMR1 to 1 to enable the TXD output pin
to be used. Also set the RIE, TIE, TEIE,
and MPIE bits, depending on whether
interrupts are required. In asynchronous
mode, the bits are marked at
transmission and idled at reception to
wait for the start bit.
Figure 13.4 Sample SCI3 Initialization Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com