Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 220 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 220 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 216Page - Renesas Technology Corp HD64F36022 Datasheet HTML 217Page - Renesas Technology Corp HD64F36022 Datasheet HTML 218Page - Renesas Technology Corp HD64F36022 Datasheet HTML 219Page - Renesas Technology Corp HD64F36022 Datasheet HTML 220Page - Renesas Technology Corp HD64F36022 Datasheet HTML 221Page - Renesas Technology Corp HD64F36022 Datasheet HTML 222Page - Renesas Technology Corp HD64F36022 Datasheet HTML 223Page - Renesas Technology Corp HD64F36022 Datasheet HTML 224Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 384 page
background image
Section 13 Serial Communication Interface 3 (SCI3)
Rev. 4.00 Sep. 23, 2005 Page 194 of 354
REJ09B0025-0400
13.4.3
Data Transmission
Figure 13.5 shows an example of operation for transmission in asynchronous mode. In
transmission, the SCI3 operates as described below.
1. The SCI3 monitors the TDRE flag in SSR. If the flag is cleared to 0, the SCI3 recognizes that
data has been written to TDR, and transfers the data from TDR to TSR.
2. After transferring data from TDR to TSR, the SCI3 sets the TDRE flag to 1 and starts
transmission. If the TIE bit is set to 1 at this time, a TXI interrupt request is generated.
Continuous transmission is possible because the TXI interrupt routine writes next transmit data
to TDR before transmission of the current transmit data has been completed.
3. The SCI3 checks the TDRE flag at the timing for sending the stop bit.
4. If the TDRE flag is 0, the data is transferred from TDR to TSR, the stop bit is sent, and then
serial transmission of the next frame is started.
5. If the TDRE flag is 1, the TEND flag in SSR is set to 1, the stop bit is sent, and then the “mark
state” is entered, in which 1 is output. If the TEIE bit in SCR3 is set to 1 at this time, a TEI
interrupt request is generated.
6.
Figure 13.6 shows a sample flowchart for transmission in asynchronous mode.
1 frame
Start
bit
Start
bit
Transmit
data
Transmit
data
Parity
bit
Stop
bit
Parity
bit
Stop
bit
Mark
state
1 frame
0
1D0
D1
D7
0/1
1
1
1
0D0
D1
D7
0/1
Serial
data
TDRE
TEND
LSI
operation
TXI interrupt
request
generated
TDRE flag
cleared to 0
User
processing
Data written
to TDR
TXI interrupt request generated
TEI interrupt request
generated
Figure 13.5 Example of SCI3 Transmission in Asynchronous Mode
(8-Bit Data, Parity, One Stop Bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com