Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 224 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 224 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 220Page - Renesas Technology Corp HD64F36022 Datasheet HTML 221Page - Renesas Technology Corp HD64F36022 Datasheet HTML 222Page - Renesas Technology Corp HD64F36022 Datasheet HTML 223Page - Renesas Technology Corp HD64F36022 Datasheet HTML 224Page - Renesas Technology Corp HD64F36022 Datasheet HTML 225Page - Renesas Technology Corp HD64F36022 Datasheet HTML 226Page - Renesas Technology Corp HD64F36022 Datasheet HTML 227Page - Renesas Technology Corp HD64F36022 Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 384 page
background image
Section 13 Serial Communication Interface 3 (SCI3)
Rev. 4.00 Sep. 23, 2005 Page 198 of 354
REJ09B0025-0400
Yes
<End>
No
Start reception
[1]
No
Yes
Read RDRF flag in SSR
[2]
[3]
Clear RE bit in SCR3 to 0
Read OER, PER, and
FER flags in SSR
Error processing
(Continued on next page)
[4]
Read receive data in RDR
Yes
No
OER+PER+FER = 1
RDRF = 1
All data received?
[1] Read the OER, PER, and FER flags in
SSR to identify the error. If a receive
error occurs, performs the appropriate
error processing.
[2] Read SSR and check that RDRF = 1,
then read the receive data in RDR.
The RDRF flag is cleared automatically.
[3] To continue serial reception, before the
stop bit for the current frame is
received, read the RDRF flag and read
RDR.
The RDRF flag is cleared automatically.
[4] If a receive error occurs, read the OER,
PER, and FER flags in SSR to identify
the error. After performing the
appropriate error processing, ensure
that the OER, PER, and FER flags are
all cleared to 0. Reception cannot be
resumed if any of these flags are set to
1. In the case of a framing error, a
break can be detected by reading the
value of the input port corresponding to
the RxD pin.
(A)
Figure 13.8 Sample Serial Reception Data Flowchart (Asynchronous Mode)(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com