Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 227 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 227 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 223Page - Renesas Technology Corp HD64F36022 Datasheet HTML 224Page - Renesas Technology Corp HD64F36022 Datasheet HTML 225Page - Renesas Technology Corp HD64F36022 Datasheet HTML 226Page - Renesas Technology Corp HD64F36022 Datasheet HTML 227Page - Renesas Technology Corp HD64F36022 Datasheet HTML 228Page - Renesas Technology Corp HD64F36022 Datasheet HTML 229Page - Renesas Technology Corp HD64F36022 Datasheet HTML 230Page - Renesas Technology Corp HD64F36022 Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 384 page
background image
Section 13 Serial Communication Interface 3 (SCI3)
Rev. 4.00 Sep. 23, 2005 Page 201 of 354
REJ09B0025-0400
13.5.2
SCI3 Initialization
Before transmitting and receiving data, the SCI3 should be initialized as described in a sample
flowchart in figure 13.4.
13.5.3
Serial Data Transmission
Figure 13.10 shows an example of SCI3 operation for transmission in clocked synchronous mode.
In serial transmission, the SCI3 operates as described below.
1. The SCI3 monitors the TDRE flag in SSR, and if the flag is 0, the SCI3 recognizes that data
has been written to TDR, and transfers the data from TDR to TSR.
2. The SCI3 sets the TDRE flag to 1 and starts transmission. If the TIE bit in SCR3 is set to 1 at
this time, a transmit data empty interrupt (TXI) is generated.
3. 8-bit data is sent from the TXD pin synchronized with the output clock when output clock
mode has been specified, and synchronized with the input clock when use of an external clock
has been specified. Serial data is transmitted sequentially from the LSB (bit 0), from the TXD
pin.
4. The SCI3 checks the TDRE flag at the timing for sending the MSB (bit 7).
5. If the TDRE flag is cleared to 0, data is transferred from TDR to TSR, and serial transmission
of the next frame is started.
6.
If the TDRE flag is set to 1, the TEND flag in SSR is set to 1, and the TDRE flag maintains
the output state of the last bit. If the TEIE bit in SCR3 is set to 1 at this time, a TEI interrupt
request is generated.
7.
The SCK3 pin is fixed high at the end of transmission.
Figure 13.11 shows a sample flow chart for serial data transmission. Even if the TDRE flag is
cleared to 0, transmission will not start while a receive error flag (OER, FER, or PER) is set to 1.
Make sure that the receive error flags are cleared to 0 before starting transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com