Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 230 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 226Page - Renesas Technology Corp HD64F36022 Datasheet HTML 227Page - Renesas Technology Corp HD64F36022 Datasheet HTML 228Page - Renesas Technology Corp HD64F36022 Datasheet HTML 229Page - Renesas Technology Corp HD64F36022 Datasheet HTML 230Page - Renesas Technology Corp HD64F36022 Datasheet HTML 231Page - Renesas Technology Corp HD64F36022 Datasheet HTML 232Page - Renesas Technology Corp HD64F36022 Datasheet HTML 233Page - Renesas Technology Corp HD64F36022 Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 384 page
background image
Section 13 Serial Communication Interface 3 (SCI3)
Rev. 4.00 Sep. 23, 2005 Page 204 of 354
REJ09B0025-0400
Yes
<End>
No
Start reception
[1]
[4]
No
Yes
Read RDRF flag in SSR
[2]
[3]
Clear RE bit in SCR3 to 0
Error processing
(Continued below)
Read receive data in RDR
Yes
No
OER = 1
RDRF = 1
All data received?
Read OER flag in SSR
<End>
Error processing
Overrun error processing
Clear OER flag in SSR to 0
[4]
[1]
Read the OER flag in SSR to determine if
there is an error. If an overrun error has
occurred, execute overrun error processing.
[2]
Read SSR and check that the RDRF flag is
set to 1, then read the receive data in RDR.
When data is read from RDR, the RDRF
flag is automatically cleared to 0.
[3]
To continue serial reception, before the
MSB (bit 7) of the current frame is received,
reading the RDRF flag and reading RDR
should be finished. When data is read from
RDR, the RDRF flag is automatically
cleared to 0.
[4]
If an overrun error occurs, read the OER
flag in SSR, and after performing the
appropriate error processing, clear the OER
flag to 0. Reception cannot be resumed if
the OER flag is set to 1.
Figure 13.13 Sample Serial Reception Flowchart (Clocked Synchronous Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com