Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 229 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 229 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 225Page - Renesas Technology Corp HD64F36022 Datasheet HTML 226Page - Renesas Technology Corp HD64F36022 Datasheet HTML 227Page - Renesas Technology Corp HD64F36022 Datasheet HTML 228Page - Renesas Technology Corp HD64F36022 Datasheet HTML 229Page - Renesas Technology Corp HD64F36022 Datasheet HTML 230Page - Renesas Technology Corp HD64F36022 Datasheet HTML 231Page - Renesas Technology Corp HD64F36022 Datasheet HTML 232Page - Renesas Technology Corp HD64F36022 Datasheet HTML 233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 384 page
background image
Section 13 Serial Communication Interface 3 (SCI3)
Rev. 4.00 Sep. 23, 2005 Page 203 of 354
REJ09B0025-0400
13.5.4
Serial Data Reception (Clocked Synchronous Mode)
Figure 13.12 shows an example of SCI3 operation for reception in clocked synchronous mode. In
serial reception, the SCI3 operates as described below.
1.
The SCI3 performs internal initialization synchronous with a synchronization clock input or
output, starts receiving data.
2.
The SCI3 stores the receive data in RSR.
3.
If an overrun error occurs (when reception of the next data is completed while the RDRF flag
in SSR is still set to 1), the OER bit in SSR is set to 1. If the RIE bit in SCR3 is set to 1 at this
time, an ERI interrupt request is generated, receive data is not transferred to RDR, and the
RDRF flag remains to be set to 1.
4.
If reception is completed successfully, the RDRF bit in SSR is set to 1, and receive data is
transferred to RDR. If the RIE bit in SCR3 is set to 1 at this time, an RXI interrupt request is
generated.
Serial
clock
Serial
data
1 frame
1 frame
Bit 0
Bit 7
Bit 7
Bit 0
Bit 1
Bit 6
Bit 7
RDRF
OER
LSI
operation
User
processing
RXI interrupt request generated
RDR data read
RDRF flag
cleared
to 0
RXI interrupt
request
generated
ERI interrupt request
generated by
overrun error
Overrun error
processing
RDR data has
not been read
(RDRF = 1)
Figure 13.12 Example of SCI3 Reception in Clocked Synchronous Mode
Reception cannot be resumed while a receive error flag is set to 1. Accordingly, clear the OER,
FER, PER, and RDRF bits to 0 before resuming reception. Figure 13.13 shows a sample flow
chart for serial data reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com