Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 268 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 268 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 264Page - Renesas Technology Corp HD64F36022 Datasheet HTML 265Page - Renesas Technology Corp HD64F36022 Datasheet HTML 266Page - Renesas Technology Corp HD64F36022 Datasheet HTML 267Page - Renesas Technology Corp HD64F36022 Datasheet HTML 268Page - Renesas Technology Corp HD64F36022 Datasheet HTML 269Page - Renesas Technology Corp HD64F36022 Datasheet HTML 270Page - Renesas Technology Corp HD64F36022 Datasheet HTML 271Page - Renesas Technology Corp HD64F36022 Datasheet HTML 272Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 384 page
background image
Section 17 List of Registers
Rev. 4.00 Sep. 23, 2005 Page 242 of 354
REJ09B0025-0400
Register Name
Abbre-
viation
Bit No
Address
Module
Name
Data Bus
Width
Access
State
Timer mode register WD
TMWD
8
H'FFC2
WDT*
3
8
2
Address break control register
ABRKCR
8
H'FFC8
Address
break
8
2
Address break status register
ABRKSR
8
H'FFC9
Address
break
8
2
Break address register H
BARH
8
H'FFCA
Address
break
8
2
Break address register L
BARL
8
H'FFCB
Address
break
8
2
Break data register H
BDRH
8
H'FFCC
Address
break
8
2
Break data register L
BDRL
8
H'FFCD
Address
break
8
2
Port pull-up control register 1
PUCR1
8
H'FFD0
I/O port
8
2
Port pull-up control register 5
PUCR5
8
H'FFD1
I/O port
8
2
Port data register 1
PDR1
8
H'FFD4
I/O port
8
2
Port data register 2
PDR2
8
H'FFD5
I/O port
8
2
Port data register 5
PDR5
8
H'FFD8
I/O port
8
2
Port data register 7
PDR7
8
H'FFDA
I/O port
8
2
Port data register 8
PDR8
8
H'FFDB
I/O port
8
2
Port data register B
PDRB
8
H'FFDD
I/O port
8
2
Port mode register 1
PMR1
8
H'FFE0
I/O port
8
2
Port mode register 5
PMR5
8
H'FFE1
I/O port
8
2
Port control register 1
PCR1
8
H'FFE4
I/O port
8
2
Port control register 2
PCR2
8
H'FFE5
I/O port
8
2
Port control register 5
PCR5
8
H'FFE8
I/O port
8
2
Port control register 7
PCR7
8
H'FFEA
I/O port
8
2
Port control register 8
PCR8
8
H'FFEB
I/O port
8
2
System control register 1
SYSCR1
8
H'FFF0
Power-
down
8
2
System control register 2
SYSCR2
8
H'FFF1
Power-
down
8
2
Interrupt edge select register 1
IEGR1
8
H'FFF2
Interrupts 8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com