Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 304 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 304 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 300Page - Renesas Technology Corp HD64F36022 Datasheet HTML 301Page - Renesas Technology Corp HD64F36022 Datasheet HTML 302Page - Renesas Technology Corp HD64F36022 Datasheet HTML 303Page - Renesas Technology Corp HD64F36022 Datasheet HTML 304Page - Renesas Technology Corp HD64F36022 Datasheet HTML 305Page - Renesas Technology Corp HD64F36022 Datasheet HTML 306Page - Renesas Technology Corp HD64F36022 Datasheet HTML 307Page - Renesas Technology Corp HD64F36022 Datasheet HTML 308Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 384 page
background image
Section 18 Electrical Characteristics
Rev. 4.00 Sep. 23, 2005 Page 278 of 354
REJ09B0025-0400
18.3.4
A/D Converter Characteristics
Table 18.13 A/D Converter Characteristics
V
CC = 2.7 V to 5.5 V, VSS = 0.0 V, Ta = –20°C to +75°C, unless otherwise specified.
Applicable
Test
Values
Item
Symbol
Pins
Condition
Min
Typ Max
Unit
Notes
Analog power supply
voltage
AV
CC
AV
CC
3.0
V
CC
5.5
V
*
1
Analog input voltage
AV
IN
AN3 to
AN0
V
SS – 0.3
—
AV
CC + 0.3
V
Analog power supply
current
AI
OPE
AV
CC
AV
CC = 5.0 V
f
OSC =
20 MHz
—
—
2.0
mA
AI
STOP1
AV
CC
—
50
—
µA
*
2
Reference
value
AI
STOP2
AV
CC
—
—
5.0
µA
*
3
Analog input
capacitance
C
AIN
AN3 to
AN0
—
—
30.0
pF
Allowable signal
source impedance
R
AIN
AN3 to
AN0
—
—
5.0
k
Ω
Resolution (data
length)
10
10
10
bit
Conversion time
(single mode)
AV
CC = 3.0 V
to 5.5 V
134
—
—
t
cyc
Nonlinearity error
—
—
±7.5
LSB
Offset error
—
—
±7.5
LSB
Full-scale error
—
—
±7.5
LSB
Quantization error
—
—
±0.5
LSB
Absolute accuracy
—
—
±8.0
LSB
Conversion time
(single mode)
AV
CC = 4.0 V
to 5.5 V
70
—
—
t
cyc
Nonlinearity error
—
—
±7.5
LSB
Offset error
—
—
±7.5
LSB
Full-scale error
—
—
±7.5
LSB
Quantization error
—
—
±0.5
LSB
Absolute accuracy
—
—
±8.0
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com