Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 305 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 301Page - Renesas Technology Corp HD64F36022 Datasheet HTML 302Page - Renesas Technology Corp HD64F36022 Datasheet HTML 303Page - Renesas Technology Corp HD64F36022 Datasheet HTML 304Page - Renesas Technology Corp HD64F36022 Datasheet HTML 305Page - Renesas Technology Corp HD64F36022 Datasheet HTML 306Page - Renesas Technology Corp HD64F36022 Datasheet HTML 307Page - Renesas Technology Corp HD64F36022 Datasheet HTML 308Page - Renesas Technology Corp HD64F36022 Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 384 page
background image
Section 18 Electrical Characteristics
Rev. 4.00 Sep. 23, 2005 Page 279 of 354
REJ09B0025-0400
Applicable
Test
Values
Reference
Item
Symbol
Pins
Condition
Min
Typ Max
Unit
Figure
Conversion time
(single mode)
AV
CC = 4.0 V
to 5.5 V
134
—
—
t
cyc
Nonlinearity error
—
—
±3.5
LSB
Offset error
—
—
±3.5
LSB
Full-scale error
—
—
±3.5
LSB
Quantization error
—
—
±0.5
LSB
Absolute accuracy
—
—
±4.0
LSB
Notes: 1. Set AV
CC = VCC when the A/D converter is not used.
2. AI
STOP1 is the current in active and sleep modes while the A/D converter is idle.
3. AI
STOP2 is the current at reset and in standby and subsleep modes while the A/D
converter is idle.
18.3.5
Watchdog Timer Characteristics
Table 18.14 Watchdog Timer Characteristics
V
CC = 2.7 V to 5.5 V, VSS = 0.0 V, Ta = –20°C to +75°C, unless otherwise specified.
Applicable
Test
Values
Item
Symbol
Pins
Condition
Min
Typ
Max
Unit
Notes
On-chip
oscillator
overflow
time
t
OVF
0.2
0.4
—
s
*
Note: * Shows the time to count from 0 to 255, at which point an internal reset is generated, when
the internal oscillator is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com