Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 309 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 309 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 305Page - Renesas Technology Corp HD64F36022 Datasheet HTML 306Page - Renesas Technology Corp HD64F36022 Datasheet HTML 307Page - Renesas Technology Corp HD64F36022 Datasheet HTML 308Page - Renesas Technology Corp HD64F36022 Datasheet HTML 309Page - Renesas Technology Corp HD64F36022 Datasheet HTML 310Page - Renesas Technology Corp HD64F36022 Datasheet HTML 311Page - Renesas Technology Corp HD64F36022 Datasheet HTML 312Page - Renesas Technology Corp HD64F36022 Datasheet HTML 313Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 384 page
background image
Section 18 Electrical Characteristics
Rev. 4.00 Sep. 23, 2005 Page 283 of 354
REJ09B0025-0400
tScyc
tTXD
tRXS
tRXH
VOH
V
or V
IH
OH
V
or V
IL
OL
*2
*2
*2
VOL*
2
SCK3, SCK3_2,
SCK3_3*1
TXD, TXD_2,
TXD_3*1
(transmit data)
RXD, RXD_2,
RXD_3*1
(receive data)
Notes: 1.
2. Output timing reference levels
Output high:
Output low:
Load conditions are shown in figure 18.6.
The SCK3_3, RXD_3, and TXD_3 pins are not available in the H8/36014.
V
= 2.0 V
V
= 0.8 V
OH
OL
Figure 18.5 SCI3 Input/Output Timing in Clocked Synchronous Mode
18.5
Output Load Condition
VCC
2.4 k
Ω
12 k
Ω
30 pF
LSI output pin
Figure 18.6 Output Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com