| Electronic Components Datasheet Search |
|
HD64F36022 Datasheet(PDF) 325 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36022 Datasheet(HTML) 325 Page - Renesas Technology Corp |
|
325 / 384 page ![]() Appendix Rev. 4.00 Sep. 23, 2005 Page 299 of 354 REJ09B0025-0400 8. Block transfer instructions Mnemonic Addressing Mode and Instruction Length (bytes) No. of States *1 Condition Code IH N Z V C EEPMOV. B EEPMOV. W Operation if R4L ≠ 0 then repeat @R5 → @R6 R5+1 → R5 R6+1 → R6 R4L–1 → R4L until R4L=0 else next if R4 ≠ 0 then repeat @R5 → @R6 R5+1 → R5 R6+1 → R6 R4–1 → R4 until R4=0 else next — — 4 4 — — 8+ 4n *2 — — — — — — — — — —8+ 4n *2 EEPMOV Notes: 1. The number of states in cases where the instruction code and its operands are located in on-chip memory is shown here. For other cases see Appendix A.3, Number of Execution States. 2. n is the value set in register R4L or R4. (1) Set to 1 when a carry or borrow occurs at bit 11; otherwise cleared to 0. (2) Set to 1 when a carry or borrow occurs at bit 27; otherwise cleared to 0. (3) Retains its previous value when the result is zero; otherwise cleared to 0. (4) Set to 1 when the adjustment produces a carry; otherwise retains its previous value. (5) The number of states required for execution of an instruction that transfers data in synchronization with the E clock is variable. (6) Set to 1 when the divisor is negative; otherwise cleared to 0. (7) Set to 1 when the divisor is zero; otherwise cleared to 0. (8) Set to 1 when the quotient is negative; otherwise cleared to 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |