Electronic Components Datasheet Search
  English  ▼

X  

SH7670 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # SH7670
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7670 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button SH7670 Datasheet HTML 30Page - Renesas Technology Corp SH7670 Datasheet HTML 31Page - Renesas Technology Corp SH7670 Datasheet HTML 32Page - Renesas Technology Corp SH7670 Datasheet HTML 33Page - Renesas Technology Corp SH7670 Datasheet HTML 34Page - Renesas Technology Corp SH7670 Datasheet HTML 35Page - Renesas Technology Corp SH7670 Datasheet HTML 36Page - Renesas Technology Corp SH7670 Datasheet HTML 37Page - Renesas Technology Corp SH7670 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 1292 page
background image
Section 1 Overview
Rev. 1.00 Nov. 14, 2007 Page 8 of 1262
REJ09B0437-0100
Classification
Module/Function Description
Stream interface
(STIF)
• Two-channel port in conjunction with A-DMAC
• Serial mode or parallel mode selectable for each channel
• Supports MPEG2-TS and MPEG-PS transfer modes
• Supports push-type transfer and pull-type transfer to each
device
• External VCO control PWM timer and its output provided
for each channel
• Stream clock output common to all channels and stream
clock input for each channel
Serial sound
interface (SSI)
• Two-channel bidirectional serial transfer
• Supports various serial audio formats
• Supports master and slave functions
• Generates programmable word clock and bit clock
• Multichannel formats
• Supports 8-, 16-, 18-, 20-, 22-, 24-, and 32-bit data
formats
USB2.0
host/function
module (USB)
• Conforms to USB version 2.0
• Supports three transfer rates: 480 Mbps, 12 Mbps, and
1.5 Mbps
• Software and functions switchable
• Connectable to multiple peripheral devices through one-
stage hub while the software is running
• Software settable
• On-chip 8-kbyte RAM as a communication buffer
SD host interface
(SDHI)
(Not supported in
SH7672 and
SH7670)
• SD memory/IO card interface (1-bit/4-bit SD bus)
• Error check functions: CRC7 (for commands) and CRC16
(for data)
• Interrupt requests: Card access interrupt, SDIO access
interrupt, and card detect interrupt
• DMAC transfer requests: SD_BUF write and SD_BUF
read
• Supports card detection and write protection functions
Advanced
interface
I
2C bus interface 3
(IIC3)
• One channel
• On-chip master mode and slave mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com