| Electronic Components Datasheet Search |
|
SH7670 Datasheet(PDF) 41 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7670 Datasheet(HTML) 41 Page - Renesas Technology Corp |
|
41 / 1292 page ![]() Section 1 Overview Rev. 1.00 Nov. 14, 2007 Page 15 of 1262 REJ09B0437-0100 Classification Symbol I/O Name Function NMI I Non-maskable interrupt Non-maskable interrupt request pin. Fix it high when not in use. Interrupts IRQ7 to IRQ0 I Interrupt requests 7 to 0 Maskable interrupt request pins Level-input or edge-input detection can be selected. When the edge-input detection is selected, the rising edge or falling edge can also be selected. Address bus A25 to A00 O Address bus Addresses are output on these pins. Data bus D31 to D00 I/O Data bus Bidirectional data bus pins CS0, CS3 to CS6 O Chip select 0, 3 to 6 Chip-select signal pins for external memory or devices RD O Read Indicates that data is read from an external device. RD/ WR O Read/write Read/write signal pin BS O Bus start Bus cycle start signal pin WE3 O Most significant byte write Indicates that data is written to data bits 31 to 24 of the external memory or device. WE2 O Second byte write Indicates that data is written to data bits 23 to 16 of the external memory or device. WE1 O Third byte write Indicates that data is written to data bits 15 to 8 of the external memory or device. WE0 O Least significant byte write Indicates that data is written to data bits 7 to 0 of the external memory or device. WAIT I Wait Input pin to insert a wait cycle into bus cycles during access to the external space RAS O RAS Pin connected to the RAS pin of SDRAM CAS O CAS Pin connected to the CAS pin of SDRAM CKE O Clock enable Pin connected to the CKE pin of SDRAM Bus control DQMUU O Most significant byte select Selects data bus bits 31 to 24 of SDRAM. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |