Electronic Components Datasheet Search
  English  ▼

X  

SH7670 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # SH7670
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7670 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button SH7670 Datasheet HTML 40Page - Renesas Technology Corp SH7670 Datasheet HTML 41Page - Renesas Technology Corp SH7670 Datasheet HTML 42Page - Renesas Technology Corp SH7670 Datasheet HTML 43Page - Renesas Technology Corp SH7670 Datasheet HTML 44Page - Renesas Technology Corp SH7670 Datasheet HTML 45Page - Renesas Technology Corp SH7670 Datasheet HTML 46Page - Renesas Technology Corp SH7670 Datasheet HTML 47Page - Renesas Technology Corp SH7670 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 1292 page
background image
Section 1 Overview
Rev. 1.00 Nov. 14, 2007 Page 18 of 1262
REJ09B0437-0100
Classification Symbol
I/O Name
Function
Stream
interface
(STIF)
ST1_PWM,
ST0_PWM
O
PWM output pins
SSIDATA1,
SSIDATA0
I/O SSI data I/O
Serial data I/O pins
SSISCK1,
SSISCK0
I/O SSI clock I/O
Serial clock I/O pins
SSIWS1, SSIWS0
I/O SSI clock LR I/O
Word select I/O pins
Serial sound
interface (SSI)
AUDIO_CLK
I
External clock for
SSI audio
The external clock for audio is input to
this pin.
DP
I/O USB D+ data
USB bus D+ data pin
DM
I/O USB D- data
USB bus D- data pin
VBUS
I
VBUS input
Connect this pin to Vbus of the USB
bus.
REFRIN
I
Reference input
Connect this pin to AG33 through a
resistor of 5.6 k
Ω ±1%.
USB_X1
I
USB_X2
O
Crystal
resonator/external
clock input for
USB
Pins connected to the crystal
resonator for USB. When an external
clock is used, connect it to the USB_1
pin with the USB_2 pin open.
AV33
I
Analog power
supply for
transceiver
Power supply pin for the core (3.3 V
(Typ) supplied)
AG33
I
Analog ground for
transceiver
Ground pin for the core
AV12
I
Analog power
supply for
transceiver
Power supply pin for the core (1.2 V
(Typ) supplied)
AG12
I
Analog ground for
transceiver
Ground pin for the core
DV33
I
Power supply for
transceiver pins
Power supply pin for pins (3.3 V (Typ)
supplied)
DG33
I
Ground for
transceiver pins
Ground pin for transceiver pins
USB2.0
host/function
module (USB)
DV12
I
Power supply for
transceiver pins
Power supply pin for transceiver pins
(1.2 V (Typ) supplied)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com