| Electronic Components Datasheet Search |
|
SH7670 Datasheet(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7670 Datasheet(HTML) 19 Page - Renesas Technology Corp |
|
19 / 1292 page ![]() Rev. 1.00 Nov. 14, 2007 Page xix of xxvi Section 16 Serial Sound Interface (SSI) ............................................................585 16.1 Features............................................................................................................................. 585 16.2 Input/Output Pins .............................................................................................................. 587 16.3 Register Description ......................................................................................................... 588 16.3.1 Control Register (SSICR) ................................................................................. 589 16.3.2 Status Register (SSISR) .................................................................................... 595 16.3.3 Transmit Data Register (SSITDR) .................................................................... 600 16.3.4 Receive Data Register (SSIRDR) ..................................................................... 600 16.3.5 SSI Clock Selection Register (SCSR)............................................................... 601 16.4 Operation Description....................................................................................................... 602 16.4.1 Bus Format........................................................................................................ 602 16.4.2 Non-Compressed Modes................................................................................... 603 16.4.3 Operation Modes............................................................................................... 613 16.4.4 Transmit Operation ........................................................................................... 614 16.4.5 Receive Operation............................................................................................. 617 16.4.6 Temporary Stop and Restart Procedures in Transmit Mode ............................. 620 16.4.7 Serial Bit Clock Control.................................................................................... 621 16.5 Usage Notes ...................................................................................................................... 622 16.5.1 Limitations from Overflow during Receive DMA Operation........................... 622 Section 17 USB 2.0 Host/Function Module (USB) ...........................................623 17.1 Features............................................................................................................................. 623 17.2 Input / Output Pins............................................................................................................ 626 17.3 Register Description ......................................................................................................... 628 17.3.1 System Configuration Control Register (SYSCFG) ......................................... 635 17.3.2 CPU Bus Wait Setting Register (BUSWAIT) .................................................. 639 17.3.3 System Configuration Status Register (SYSSTS)............................................. 640 17.3.4 Device State Control Register (DVSTCTR) ..................................................... 642 17.3.5 Test Mode Register (TESTMODE) .................................................................. 648 17.3.6 DMA-FIFO Bus Configuration Registers (D0FBCFG, D1FBCFG) ................ 651 17.3.7 FIFO Port Registers (CFIFO, D0FIFO, D1FIFO)............................................. 652 17.3.8 FIFO Port Select Registers (CFIFOSEL, D0FIFOSEL, D1FIFOSEL)............. 654 17.3.9 FIFO Port Control Registers (CFIFOCTR, D0FIFOCTR, D1FIFOCTR) ........ 661 17.3.10 Interrupts Enable Register 0 (INTENB0) ......................................................... 665 17.3.11 Interrupt Enable Register 1 (INTENB1) ........................................................... 667 17.3.12 BRDY Interrupt Enable Register (BRDYENB) ............................................... 669 17.3.13 NRDY Interrupt Enable Register (NRDYENB) ............................................... 671 17.3.14 BEMP Interrupt Enable Register (BEMPENB) ................................................ 673 17.3.15 SOF Control Register (SOFCFG) ..................................................................... 675 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |