Electronic Components Datasheet Search
  English  ▼

X  

SH7670 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # SH7670
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7670 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button SH7670 Datasheet HTML 34Page - Renesas Technology Corp SH7670 Datasheet HTML 35Page - Renesas Technology Corp SH7670 Datasheet HTML 36Page - Renesas Technology Corp SH7670 Datasheet HTML 37Page - Renesas Technology Corp SH7670 Datasheet HTML 38Page - Renesas Technology Corp SH7670 Datasheet HTML 39Page - Renesas Technology Corp SH7670 Datasheet HTML 40Page - Renesas Technology Corp SH7670 Datasheet HTML 41Page - Renesas Technology Corp SH7670 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 1292 page
background image
Section 1 Overview
Rev. 1.00 Nov. 14, 2007 Page 12 of 1262
REJ09B0437-0100
1.4
Product Lineup
Table 1.2 lists the products and figure 1.1 shows how to read their type names.
Table 1.2
Product Lineup
Type Name
(Abbreviation)
ROM
Size
RAM Size
Package
Encryption
SDHI
Remarks
R5S76700
–
32 kbytes
P-FBGA256 –17 × 17 –0.8
Not mounted
Not mounted SH7670
R5S76710
–
32 kbytes
P-FBGA256 –17 × 17 –0.8
Not mounted
Mounted
SH7671
R5S76720
–
32 kbytes
P-FBGA256 –17 × 17 –0.8
Mounted
Not mounted SH7672
R5S76730
–
32 kbytes
P-FBGA256 –17 × 17 –0.8
Mounted
Mounted
SH7673
Type Name
R: Renesas semiconductor Family
Package type
BG BGA
Product code
Maximum operating frequency
200: 200MHz
133: 133MHz
Characteristic code
B: - 20˚C to +70˚C
C:
ROM device type
S ROMless
Classification
5 Microcontroller
R
5
S
76520
B
200
BG
:
:
:
- 40˚C to +85˚C
Figure 1.1 Reading of Type Name
• Small package
Package
Code
Body Size
Pin Pitch
P-FBGA256 –17 × 17 –0.8
PRBG0256GA-A
17 × 17mm
0.8 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com