Electronic Components Datasheet Search
  English  ▼

X  

SH7670 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # SH7670
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7670 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button SH7670 Datasheet HTML 41Page - Renesas Technology Corp SH7670 Datasheet HTML 42Page - Renesas Technology Corp SH7670 Datasheet HTML 43Page - Renesas Technology Corp SH7670 Datasheet HTML 44Page - Renesas Technology Corp SH7670 Datasheet HTML 45Page - Renesas Technology Corp SH7670 Datasheet HTML 46Page - Renesas Technology Corp SH7670 Datasheet HTML 47Page - Renesas Technology Corp SH7670 Datasheet HTML 48Page - Renesas Technology Corp SH7670 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 1292 page
background image
Section 1 Overview
Rev. 1.00 Nov. 14, 2007 Page 19 of 1262
REJ09B0437-0100
Classification Symbol
I/O Name
Function
DG12
I
Ground for
transceiver pins
Ground pin for transceiver pins
UV12
I
Digital power
supply for
transceiver
Power supply pin for the core (1.2V
(Typ) supplied)
USB2.0
host/function
module (USB)
UG12
I
Digital ground for
transceiver
Ground pin for the core
SDCLK
O
SD clock
SD clock output pin
SDCMD
I/O SD command
SD command output/response input
signal pin
SDDATA3 to
SDDATA0
I/O SD data
SD data bus signal pins
SDCD
I
SD card detect
SD card detection pin
SD host
interface
(SDHI)
SDWP
I
SD write protect
SD write protect signal pin
SCL
I/O Serial clock pin
Serial clock I/O pin
I
2C bus
interface 3
(IIC3)
SDA
I/O Serial data pin
Serial data I/O pin
HIFD15 to HIFD00 I/O HIF data bus
HIF address, data, and command I/O
pins
HIFCS
I
HIF chip select
Input pin to receive the HIF chip select
signal
HIFRS
I
HIF register
select
Pin for access type switching
instruction to the HIF
HIFWR
I
HIF write
Write strobe signal pin
HIFRD
I
HIF read
Read strobe signal pin
HIFINT
O
HIF interrupt
Pin to make an interrupt request from
the HIF to the external device
HIFMD
I
HIF mode
Pin to specify HIF boot mode
HIFDREQ
O
HIFDMAC
transfer request
Pin to request the external device for
DMA transfer to the HIFRAM
HIFEBL
I
HIF pin enable
A high-level input on this pin activates
all the HIF pins other than this pin.
Host interface
(HIF)
HIFRDY
O
HIF boot ready
Indicates that the HIF module reset
was canceled in this LSI and that
accesses to the HIF module from the
external device are acceptable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com