Electronic Components Datasheet Search
  English  ▼

X  

SH7670 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # SH7670
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7670 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button SH7670 Datasheet HTML 87Page - Renesas Technology Corp SH7670 Datasheet HTML 88Page - Renesas Technology Corp SH7670 Datasheet HTML 89Page - Renesas Technology Corp SH7670 Datasheet HTML 90Page - Renesas Technology Corp SH7670 Datasheet HTML 91Page - Renesas Technology Corp SH7670 Datasheet HTML 92Page - Renesas Technology Corp SH7670 Datasheet HTML 93Page - Renesas Technology Corp SH7670 Datasheet HTML 94Page - Renesas Technology Corp SH7670 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 1292 page
background image
Section 2 CPU
Rev. 1.00 Nov. 14, 2007 Page 65 of 1262
REJ09B0437-0100
2.4.7
System Control Instructions
Table 2.16
System Control Instructions
Compatibility
Instruction
Instruction Code
Operation
Execu-
tion
Cycles
T Bit
SH2,
SH2E SH4
SH-2A
CLRT
0000000000001000
0
→ T
1
0
Yes
Yes
Yes
CLRMAC
0000000000101000
0
→ MACH,MACL
1
Yes
Yes
Yes
LDBANK
@Rm,R0
0100mmmm11100101
(Specified register bank entry)
→ R0
6
Yes
LDC
Rm,SR
0100mmmm00001110
Rm
→ SR
3
LSB
Yes
Yes
Yes
LDC
Rm,TBR
0100mmmm01001010
Rm
→ TBR
1
Yes
LDC
Rm,GBR
0100mmmm00011110
Rm
→ GBR
1
Yes
Yes
Yes
LDC
Rm,VBR
0100mmmm00101110
Rm
→ VBR
1
Yes
Yes
Yes
LDC.L
@Rm+,SR
0100mmmm00000111
(Rm)
→ SR, Rm + 4 → Rm
5
LSB
Yes
Yes
Yes
LDC.L
@Rm+,GBR
0100mmmm00010111
(Rm)
→ GBR, Rm + 4 → Rm
1
Yes
Yes
Yes
LDC.L
@Rm+,VBR
0100mmmm00100111
(Rm)
→ VBR, Rm + 4 → Rm
1
Yes
Yes
Yes
LDS
Rm,MACH
0100mmmm00001010
Rm
→ MACH
1
Yes
Yes
Yes
LDS
Rm,MACL
0100mmmm00011010
Rm
→ MACL
1
Yes
Yes
Yes
LDS
Rm,PR
0100mmmm00101010
Rm
→ PR
1
Yes
Yes
Yes
LDS.L
@Rm+,MACH
0100mmmm00000110
(Rm)
→ MACH, Rm + 4 → Rm 1
Yes
Yes
Yes
LDS.L
@Rm+,MACL
0100mmmm00010110
(Rm)
→ MACL, Rm + 4 → Rm 1
Yes
Yes
Yes
LDS.L
@Rm+,PR
0100mmmm00100110
(Rm)
→ PR, Rm + 4 → Rm
1
Yes
Yes
Yes
NOP
0000000000001001
No operation
1
Yes
Yes
Yes
RESBANK
0000000001011011
Bank
→ R0 to R14, GBR,
MACH, MACL, PR
9*
Yes
RTE
0000000000101011
Delayed branch,
stack area
→ PC/SR
6
Yes
Yes
Yes
SETT
0000000000011000
1
→ T
1
1
Yes
Yes
Yes
SLEEP
0000000000011011
Sleep
5
Yes
Yes
Yes
STBANK
R0,@Rn
0100nnnn11100001
R0
→
(specified register bank entry)
7
Yes
STC
SR,Rn
0000nnnn00000010
SR
→ Rn
2
Yes
Yes
Yes
STC
TBR,Rn
0000nnnn01001010
TBR
→ Rn
1
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com