Electronic Components Datasheet Search
  English  ▼

X  

SH7670 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # SH7670
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7670 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button SH7670 Datasheet HTML 23Page - Renesas Technology Corp SH7670 Datasheet HTML 24Page - Renesas Technology Corp SH7670 Datasheet HTML 25Page - Renesas Technology Corp SH7670 Datasheet HTML 26Page - Renesas Technology Corp SH7670 Datasheet HTML 27Page - Renesas Technology Corp SH7670 Datasheet HTML 28Page - Renesas Technology Corp SH7670 Datasheet HTML 29Page - Renesas Technology Corp SH7670 Datasheet HTML 30Page - Renesas Technology Corp SH7670 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 1292 page
background image
Section 1 Overview
Rev. 1.00 Nov. 14, 2007 Page 1 of 1262
REJ09B0437-0100
Section 1 Overview
1.1
Features
This LSI is a CMOS single-chip microcontroller that integrates a Renesas Technology original
RISC (Reduced Instruction Set Computer) CPU core with peripheral functions required for an
Ethernet system.
The CPU incorporated in this LSI is the SH-2A CPU, which features upward compatibility on the
object code level with the SH-1 and SH-2 microcomputers. The CPU has a RISC-type instruction
set and employs a superscalar architecture and the Harvard architecture, which greatly improves
instruction execution speed. In addition, the 32-bit internal-bus architecture enhances data
processing power. This CPU realizes low-cost, high-performance, and high-functioning systems
for applications such as high-speed realtime control, which was previously impossible with the
conventional microcomputers.
This LSI includes an Ethernet controller (EtherC) that incorporates a media access controller
(MAC) conforming to the IEEE802.3u standard, which offers the LAN connection in the rate of
10 or 100Mbps.
In addition, this LSI includes on-chip peripheral functions required for systems, such as, cache
memory, RAM, a direct memory access controller (DMAC), a host interface (HIF), an USB2.0
host/function module (USB), an SD host interface (SDHI), an interrupt controller (INTC), a
compare match timer (CMT), a serial communication interface with FIFO (SCIF), and I/O ports.
Moreover, this LSI includes encryption functions (AES, DES and 3DES), message authentication
code generating functions (HMAC-SHA-1, HMAC-SHA-224, and HMAC-SHA-256), an AV
stream interface (STIF), and a serial sound interface (SSI), which can be applied to digital AV
equipment with network features.
This LSI also provides an external memory access support function to enable direct connection to
various memory devices or peripheral LSIs. These on-chip functions significantly reduce costs of
designing and manufacturing application systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com