Electronic Components Datasheet Search
  English  ▼

X  

SH7670 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # SH7670
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7670 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button SH7670 Datasheet HTML 51Page - Renesas Technology Corp SH7670 Datasheet HTML 52Page - Renesas Technology Corp SH7670 Datasheet HTML 53Page - Renesas Technology Corp SH7670 Datasheet HTML 54Page - Renesas Technology Corp SH7670 Datasheet HTML 55Page - Renesas Technology Corp SH7670 Datasheet HTML 56Page - Renesas Technology Corp SH7670 Datasheet HTML 57Page - Renesas Technology Corp SH7670 Datasheet HTML 58Page - Renesas Technology Corp SH7670 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 1292 page
background image
Section 2 CPU
Rev. 1.00 Nov. 14, 2007 Page 29 of 1262
REJ09B0437-0100
Section 2 CPU
2.1
Register Configuration
The register set consists of sixteen 32-bit general registers, four 32-bit control registers, and four
32-bit system registers.
2.1.1
General Registers
Figure 2.1 shows the general registers.
The sixteen 32-bit general registers are numbered R0 to R15. General registers are used for data
processing and address calculation. R0 is also used as an index register. Several instructions have
R0 fixed as their only usable register. R15 is used as the hardware stack pointer (SP). Saving and
restoring the status register (SR) and program counter (PC) in exception handling is accomplished
by referencing the stack using R15.
31
0
R0*1
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
R15, SP (hardware stack pointer)*2
Notes: 1. R0 functions as an index register in the indexed register indirect addressing mode and indexed GBR indirect
addressing mode. In some instructions, R0 functions as a fixed source register or destination register.
2. R15 functions as a hardware stack pointer (SP) during exception processing.
Figure 2.1 General Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com