Electronic Components Datasheet Search
  English  ▼

X  

SH7670 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # SH7670
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7670 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button SH7670 Datasheet HTML 68Page - Renesas Technology Corp SH7670 Datasheet HTML 69Page - Renesas Technology Corp SH7670 Datasheet HTML 70Page - Renesas Technology Corp SH7670 Datasheet HTML 71Page - Renesas Technology Corp SH7670 Datasheet HTML 72Page - Renesas Technology Corp SH7670 Datasheet HTML 73Page - Renesas Technology Corp SH7670 Datasheet HTML 74Page - Renesas Technology Corp SH7670 Datasheet HTML 75Page - Renesas Technology Corp SH7670 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 1292 page
background image
Section 2 CPU
Rev. 1.00 Nov. 14, 2007 Page 46 of 1262
REJ09B0437-0100
Instruction Formats
Source
Operand
Destination
Operand
Example
mmmm: Register
direct
Control register or
system register
LDC
Rm,SR
mmmm: Register
indirect with post-
increment
Control register or
system register
LDC.L @Rm+,SR
mmmm: Register
indirect
—
JMP
@Rm
mmmm: Register
indirect with pre-
decrement
R0 (Register direct) MOV.L @-Rm,R0
m format
xxxx
mmmm
xxxx
xxxx
15
0
mmmm: PC relative
using Rm
—
BRAF
Rm
mmmm: Register
direct
nnnn: Register
direct
ADD
Rm,Rn
mmmm: Register
direct
nnnn: Register
indirect
MOV.L Rm,@Rn
mmmm: Register
indirect with post-
increment (multiply-
and-accumulate)
nnnn*: Register
indirect with post-
increment (multiply-
and-accumulate)
MACH, MACL
MAC.W
@Rm+,@Rn+
mmmm: Register
indirect with post-
increment
nnnn: Register
direct
MOV.L
@Rm+,Rn
mmmm: Register
direct
nnnn: Register
indirect with pre-
decrement
MOV.L
Rm,@-Rn
nm format
nnnn
xxxx
xxxx
15
0
mmmm
mmmm: Register
direct
nnnn: Indexed
register indirect
MOV.L
Rm,@(R0,Rn)
md format
xxxx
dddd
15
0
mmmm
xxxx
mmmmdddd:
Register indirect
with displacement
R0 (Register direct) MOV.B
@(disp,Rm),R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com