| Electronic Components Datasheet Search |
|
SH7670 Datasheet(PDF) 46 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7670 Datasheet(HTML) 46 Page - Renesas Technology Corp |
|
46 / 1292 page ![]() Section 1 Overview Rev. 1.00 Nov. 14, 2007 Page 20 of 1262 REJ09B0437-0100 Classification Symbol I/O Name Function TXD2 to TXD0 O Transmit data Transmit data pins RXD2 to RXD0 I Receive data Receive data pins SCK2 to SCK0 I/O Serial clock Clock input pins RTS2 to RTS0 O Request to send Modem control pins Serial communication interface with FIFO (SCIF) CTS2 to CTS0 I Clear to send Modem control pins PA25 to PA17 I/O General port 9-bit general I/O port pins PB07, PB05, PB04 I/O General port 3-bit general I/O port pins PB06, PB03 to PB00 I General port 5-bit general input port pins PC20 to PC01 I/O General port 20-bit general I/O port pins PC00 I General port 1-bit general input port pin PD07, PD06, PD03 to PD00 I/O General port 6-bit general I/O port pins PD05, PD04 I General port 2-bit general input port pins PE11 to PE00 I/O General port 12-bit general I/O port pins PF11 to PF00 I/O General port 12-bit general I/O port pins I/O ports PG23 to PG00 I/O General port 24-bit general I/O port pins TCK I Test clock Test clock input pin TMS I Test mode select Test mode selection signal input pin TDI I Test data input Serial input pin for instructions and data TDO O Test data output Serial output pin for instructions and data User debugging interface (H-UDI) TRST I Test reset Initialization signal input pin Emulator interface ASEMD I ASE mode Pin to set ASE mode A low-level input on this pin enables ASE mode, and a high-level input enables normal mode. The emulator- specific functions are available in ASE mode. Test mode TESTMD I Test mode Pin to set test mode. A low-level input on this pin enables test mode. Fix this input pin high. Note: * Magic Packet TM is a registered trademark of Advanced Micro Devices, Inc. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |