Electronic Components Datasheet Search
  English  ▼

X  

SH7670 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # SH7670
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7670 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button SH7670 Datasheet HTML 29Page - Renesas Technology Corp SH7670 Datasheet HTML 30Page - Renesas Technology Corp SH7670 Datasheet HTML 31Page - Renesas Technology Corp SH7670 Datasheet HTML 32Page - Renesas Technology Corp SH7670 Datasheet HTML 33Page - Renesas Technology Corp SH7670 Datasheet HTML 34Page - Renesas Technology Corp SH7670 Datasheet HTML 35Page - Renesas Technology Corp SH7670 Datasheet HTML 36Page - Renesas Technology Corp SH7670 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 1292 page
background image
Section 1 Overview
Rev. 1.00 Nov. 14, 2007 Page 7 of 1262
REJ09B0437-0100
Classification
Module/Function Description
Ethernet controller
(EtherC)
• MAC (Media Access Control) function
 Data frame assembly/deassembly (frame format
conforming to IEEE802.3)
 CSMA/CD link management (for collision avoidance
and processing in case of collision)
 CRC processing
 On-chip FIFOs (512 bytes for transmission and
reception each)
 Supports full-duplex data transmission and reception
 Sends and receives short and long packets
• Conforms to the MII (Media Independent Interface)
standard
 Converts an 8-bit data stream from the MAC layer to a
4-bit MII nibble stream
 Station management (STA feature)
 Eighteen TTL-level signals
 Transfer rate: 10 or 100 Mbps
• Magic PacketTM with WOL (Wake On LAN) output
Advanced
communication
DMAC for
Ethernet controller
(E-DMAC)
• Reduces CPU load using the descriptor management
system
• One channel for transfer from the EtherC receive FIFO to
the receive buffer
• One channel for transfer from the transmit buffer to the
EtherC transmit FIFO
• Allows 16-byte burst transfer for efficient use of the
system bus
• Supports single frame and multibuffer
• Calculates receive data checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com