Electronic Components Datasheet Search
  English  ▼

X  

SH7670 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # SH7670
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7670 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button SH7670 Datasheet HTML 104Page - Renesas Technology Corp SH7670 Datasheet HTML 105Page - Renesas Technology Corp SH7670 Datasheet HTML 106Page - Renesas Technology Corp SH7670 Datasheet HTML 107Page - Renesas Technology Corp SH7670 Datasheet HTML 108Page - Renesas Technology Corp SH7670 Datasheet HTML 109Page - Renesas Technology Corp SH7670 Datasheet HTML 110Page - Renesas Technology Corp SH7670 Datasheet HTML 111Page - Renesas Technology Corp SH7670 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 1292 page
background image
Section 3
Floating-Point Unit (FPU)
Rev. 1.00
Nov. 14, 2007
Page 82 of 1262
REJ09B0437-0100
3.3.2
Floating-Point Status/Control Register (FPSCR)
FPSCR is a 32-bit register that controls floating-point instructions, sets FPU exceptions, and
selects the rounding mode.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000100
R
R
R
R
R
R
R
R
R
R/W
R
R/W
R/W
R
R/W
R/W
0000000000000001
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
-
-
-
-
-
-
-
-
-
QIS
-
SZ
PR
DN
Cause
Cause
Enable
Flag
RM1
RM0
Bit
Bit Name
Initial
Value
R/W
Description
31 to 23
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
22
QIS
0
R/W
Nonnunerical Processing Mode
0: Processes qNaN or
±∞ as such
1: Treats qNaN or
±∞ as the same as sNaN (valid only
when FPSCR.Enable.V = 1)
21
—
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
20
SZ
0
R/W
Transfer Size Mode
0: Data size of FMOV instruction is 32-bits
1: Data size of FMOV instruction is a 32-bit register pair
(64 bits)
19
PR
0
R/W
Precision Mode
0: Floating-point instructions are executed as single-
precision operations
1: Floating-point instructions are executed as double-
precision operations (graphics support instructions
are undefined)
18
DN
1
R
Denormalization Mode (Always fixed to 1 in SH2A-
FPU)
1: Denormalized number is treated as zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com