Electronic Components Datasheet Search
  English  ▼

X  

SH7670 Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # SH7670
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7670 Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button SH7670 Datasheet HTML 166Page - Renesas Technology Corp SH7670 Datasheet HTML 167Page - Renesas Technology Corp SH7670 Datasheet HTML 168Page - Renesas Technology Corp SH7670 Datasheet HTML 169Page - Renesas Technology Corp SH7670 Datasheet HTML 170Page - Renesas Technology Corp SH7670 Datasheet HTML 171Page - Renesas Technology Corp SH7670 Datasheet HTML 172Page - Renesas Technology Corp SH7670 Datasheet HTML 173Page - Renesas Technology Corp SH7670 Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 1292 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 1.00 Nov. 14, 2007 Page 144 of 1262
REJ09B0437-0100
6.4.4
IRQ Interrupts
IRQ interrupts are input from pins IRQ7 to IRQ0. For the IRQ interrupts, low-level, falling-edge,
rising-edge, or both-edge detection can be selected individually for each pin by the IRQ sense
select bits (IRQ71S to IRQ01S and IRQ70S to IRQ00S) in interrupt control register 1 (ICR1). The
priority level can be set individually in a range from 0 to 15 for each pin by interrupt priority
registers 01 and 02 (IPR01 and IPR02).
When using low-level sensing for IRQ interrupts, an interrupt request signal is sent to the INTC
while the IRQ7 to IRQ0 pins are low. An interrupt request signal is stopped being sent to the
INTC when the IRQ7 to IRQ0 pins are driven high. The status of the interrupt requests can be
checked by reading the IRQ interrupt request bits (IRQ7F to IRQ0F) in the IRQ interrupt request
register (IRQRR).
When using edge-sensing for IRQ interrupts, an interrupt request is detected due to change of the
IRQ7 to IRQ0 pin states, and an interrupt request signal is sent to the INTC. The result of IRQ
interrupt request detection is retained until that interrupt request is accepted. Whether IRQ
interrupt requests have been detected or not can be checked by reading the IRQ7F to IRQ0F bits in
IRQRR. Writing 0 to these bits after reading them as 1 clears the result of IRQ interrupt request
detection.
The IRQ interrupt exception handling sets the I3 to I0 bits in SR to the priority level of the
accepted IRQ interrupt.
When returning from IRQ interrupt exception service routine, execute the RTE instruction after
confirming that the interrupt request has been cleared by the IRQ interrupt request register
(IRQRR) so as not to accidentally receive the interrupt request again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com