Electronic Components Datasheet Search
  English  ▼

X  

HD6473637SW Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # HD6473637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6473637SW Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button HD6473637SW Datasheet HTML 106Page - Renesas Technology Corp HD6473637SW Datasheet HTML 107Page - Renesas Technology Corp HD6473637SW Datasheet HTML 108Page - Renesas Technology Corp HD6473637SW Datasheet HTML 109Page - Renesas Technology Corp HD6473637SW Datasheet HTML 110Page - Renesas Technology Corp HD6473637SW Datasheet HTML 111Page - Renesas Technology Corp HD6473637SW Datasheet HTML 112Page - Renesas Technology Corp HD6473637SW Datasheet HTML 113Page - Renesas Technology Corp HD6473637SW Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 418 page
background image
96
5.3.4
Transition to Standby Mode and Pin States
The system goes from active (high-speed) mode or active (medium-speed) mode to standby
mode when a SLEEP instruction is executed while the SSBY bit in SYSCR1 is set to 1, the
LSON bit in SYSCR1 is cleared to 0, and bit TMA3 in TMA is cleared to 0. At the same time,
pins go to the high-impedance state (except pins with MOS pull-up turned on). The timing in
this case is shown in figure 5.2.
SLEEP instruction fetch
Internal
data bus
Next instruction fetch
Port output
Pins
High impedance
Active (high-speed) mode or active (medium-speed) mode
Standby mode
SLEEP instruction
execution
Internal
processing
ø
Figure 5.2 Transition to Standby Mode and Pin States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com